Electronic Components Datasheet Search
  English  ▼

X  

3239 Datasheet(PDF) 4 Page - ASM GmbH

Part # 3239
Description  DIGITAL HiTESTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3239 Datasheet(HTML) 4 Page - ASM GmbH

  3239 Datasheet HTML 1Page - ASM GmbH 3239 Datasheet HTML 2Page - ASM GmbH 3239 Datasheet HTML 3Page - ASM GmbH 3239 Datasheet HTML 4Page - ASM GmbH 3239 Datasheet HTML 5Page - ASM GmbH 3239 Datasheet HTML 6Page - ASM GmbH 3239 Datasheet HTML 7Page - ASM GmbH 3239 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
■
RS-232C (standard)
Purpose: Remote control and measurement value output
Transmission system
:
Asynchronous method Full duplex
Transmission speed
:
9600 bps (fixed)
Data bit length
:
8 bits
Stop bits
:
1
Parity bits
:
None
Delimiter
:
CR+LF
Handshaking
:
Hardware
XON/XOFF
:
Not used
Connector
:
9-pin D-sub connector
Please inquire regarding compatibility with the command sets of other manufacturers.
■
Output data to a printer (option)
When an RS-232C compatible PRINTER 9442 is connected,
you can print measurements by pressing the
key if in
manual trigger mode, or the
key if in internal trigger
(free run) mode.
Line Inspection
Available interfaces
Automation of
Purpose: Remote control and measurement value output
Standards conformance
: IEEE -488.1 1987
Reference standard
: IEEE –488.2 1987
Transmission speed
(reference data)
Interface function:
SH1, AH1, T6, L4, SR1, RL1, PP0, DC1, DT1, CO
User code
: ASCII code
User connector
: 24-pin IEEE488 interface bus connector
FAST
Transmission
speed
7.0 ms
SLOW
MEDIUM
1,080
ms
108 ms
Power line frequency: 60Hz
TRIG: EXT.Trig
Command: [:READ ?]
Controller: PC-9801 RA (NEC)
OS
: MS-DOS Ver. 3.30, N88-BASIC Ver. 6.0
All functions except switching the power on and off can be completely remote controlled and measurement data collected via either the
GP-IB or RS-232C interface
Judgment
Item No.
Measurement function
Measurement value
3
: Thermal serial dot matrix
: 112 mm
: 52.5cps
: AC ADAPTER 9443 or supplied nickel-hydride battery
(capable of printing about 3000 lines on full charge from
9443)
: Approx. 160W ✕ 66.5H ✕ 170D mm; approx. 580 g
Printing method
Paper width
Printing speed
Power supply
Dimensions and mass
CONNECTOR CABLE 9444
Cord length
approx 1.5m
PRINTER 9442
When you purchase a PRINTER 9442, you must also purchase a CONNECTION
CABLE 9444
and a AC ADAPTER 9443 to connect it to the DMM.
■
Equipped with a foot switch for printer control
As an alternative to pressing the
key or the
key,
you can also connect a foot switch to the external I/O TRIG
terminal. You can then initiate printing by stepping on the foot
switch (closing the circuit).
9443-02
(For the EU)
9443-01
(For Japan)
9443-03
(For the America)
Please specify appropriate model
number suffix when ordering.
AC ADAPTER 9443
■
GP-IB (option –01 specifications)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com