Electronic Components Datasheet Search
  English  ▼

X  

3293 Datasheet(PDF) 2 Page - ASM GmbH

Part # 3293
Description  CLAMP ON HiTESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3293 Datasheet(HTML) 2 Page - ASM GmbH

  3293 Datasheet HTML 1Page - ASM GmbH 3293 Datasheet HTML 2Page - ASM GmbH 3293 Datasheet HTML 3Page - ASM GmbH 3293 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
■
Easy to see, even when held down low
Flip-type clamp on design delivers the ease-of-use demanded by field technicians
Flip-down display keeps readings in easy view whether the target wire is up high or down low
Equipped with an innovative display that flips down for easy visibility, the 3291 and 3293 are designed for efficient
measurement of indoor wiring in a variety of environments, from factories, buildings, and offices to residences.
■
Easy measurement of wires on ceilings
■
Easy to see, even when held up high
Unmatched ease of use
❏
Clamp meter turns on automatically when the clamp is opened so you
can begin taking measurement immediately.
Flip angle: 180°
❏
Slim core opens wide for easier clamping.
Open Jaws to Power On
❏
Backlight lets you read measurements in dim
locations
Up to 24 mm in diameter
3293
11mm
Up to 30 mm in diameter
3291
8mm
• Push and hold for 2 seconds to activate
• Backlight goes out automatically after 15 seconds
Sometimes it’s easier to clamp the
target wire at an angle.
New clamp design is easier to attach
Slim clamp with a wide aperture attaches easily, requiring only
12.5 mm of space between wires.
Display can also be reversed manually
with the press of a button.
❏
Measurement reading reverses automatically when
the display is flipped open to ensure readability.
Easy to read means easy to use
❏
Display rotates freely through 180° to keep
measurements in view.
Automatically turns off 1 minute after input falls to 0A following
measurement. (Can be manually disabled.)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com