Electronic Components Datasheet Search
  English  ▼

X  

3293 Datasheet(PDF) 3 Page - ASM GmbH

Part # 3293
Description  CLAMP ON HiTESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3293 Datasheet(HTML) 3 Page - ASM GmbH

  3293 Datasheet HTML 1Page - ASM GmbH 3293 Datasheet HTML 2Page - ASM GmbH 3293 Datasheet HTML 3Page - ASM GmbH 3293 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
❏
Easy-to-use auto range feature
❏
Get the maximum value of fluctuating current readings
Filter out noise
The 3291 and 3293 incorporate a switchable high-frequency
noise filter. When activated, this filter rejects frequencies of
180 Hz and above to enable measurement approximating the
filter characteristics of an earth leakage circuit breaker (ELCB).
Filter on
Extensive current measurement functions
Use with 3-phase 4-wire 440V lines
3291: CAT III 600 V (CAT IV 300 V)
3293: CAT III 300 V
Measure leak and load current with the 3293
The 3293 features 6 ranges from 30 mA to 1000A,
offering ±5% rdg ±5 dgt measurement accuracy of 1mA
leak currents.
30.00mA
1000A
600.0A
60.00A
6.000A
300.0mA
Range
Leak current easurement
Load current measurement
3293
True RMS lets you measure even distorted currents accurately
True RMS ensures accurate measurement,
even of distorted load and leak currents
❏
Why does the same current yield different readings?
Inverters, office equipment, AC adapters -
most load current waveforms are distorted.
Current meters that display average
rectified RMS values does not allow you to
obtain accurate RMS measurements.
Averaging-type clamp on
current meter
True RMS clamp on
current meter
Loop a wrist strap through the small opening to
help keep the instrument from being dropped
Measure fluctuating currents with the peak hold feature
The 3291 and 3293’s peak hold feature (with bar graph hold) lets you
capture peak values for currents that fluctuate due to load variability.
Current (A)
Time
Peak value display
Peak value is held on the bar graph.
3293
Actual Size
1000A
600.0A
60.00A
Range
Leak current easurement
Load current measurement
3291
Push and hold for 2
seconds to activate filter
❏
Easy measurement of the peak value of a fluctuating
current.
*Holds the peak value for data updated approximately 2 times/second.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com