Electronic Components Datasheet Search
  English  ▼

X  

3293 Datasheet(PDF) 4 Page - ASM GmbH

Part # 3293
Description  CLAMP ON HiTESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

3293 Datasheet(HTML) 4 Page - ASM GmbH

  3293 Datasheet HTML 1Page - ASM GmbH 3293 Datasheet HTML 2Page - ASM GmbH 3293 Datasheet HTML 3Page - ASM GmbH 3293 Datasheet HTML 4Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HEAD OFFICE :
81 Koizumi, Ueda, Nagano, 386-1192, Japan
TEL +81-268-28-0562 / FAX +81-268-28-0568
E-mail: os-com@hioki.co.jp
HIOKI USA CORPORATION :
6 Corporate Drive, Cranbury, NJ 08512 USA
TEL +1-609-409-9109 / FAX +1-609-409-9108
E-mail: hioki@hiokiusa.com
DISTRIBUTED BY
All information correct as of Jul. 12, 2007. All specifications are subject to change without notice.
3291sE1-77M-20P
Printed in Japan
HIOKI (Shanghai) Sales & Trading Co., Ltd. :
1904 Shanghai Times Square Office, 93 Huai Hai Zhong Road
Shanghai, P.R.China POSTCODE: 200021
TEL +86-21-6391-0090/0092 FAX +86-21-6391-0360
E-mail: info-sh@hioki.cn
Beijing Office :
A-2602 Freetown, 58 Dong San Huan Nan Road
Beijing, P.R.China POSTCODE: 100022
TEL +86-10-5867-4080/4081 FAX +86-10-5867-4090
E-mail: info-bj@hioki.cn
Guangzhou Office :
Room 303, Profit Plaza, No.76, West Huangpu Road
Guangzhou, P.R.China POSTCODE: 510623
TEL +86-20-38392673/2676 FAX +86-20-38392679
E-mail: info-gz@hioki.cn
4
3291
Load
3293
Leak and load
Measurable
conductor size
ø30mm (1.18")max.
ø24mm (0.94")max.
Rectification
True RMS
Max. rated voltage to earth
AC600Vrms
AC300Vrms
Measurement Range
•Auto Range switching
•Zero-suppress at 5 counts
60A/600A/1000A
30mA/300mA/
6A/60A/600A/1000A
Accuracy
filter ON: fc=180Hz
±1.5%rdg. ±5dgt. (50Hz to 60Hz),
±5%rdg. ±5dgt. (1mA to 2.70mA)
filter OFF:
±2.0%rdg. ±5dgt. (45 to 66Hz),
±3.0%rdg. ±5dgt. (66 to 400Hz)
(Add±1%rdg. for when using 60A on the 3293)
Guaranteeed Accuracy Period
1 Year (or opening and closing of the sensor 10,000 times)
Accuracy Guaranteed
Measurements
Minimum 5.40A
Minimum 1.00mA
(Add±1%rdg. for readings of 0.270 to 0.540A)
Crest factor
2.8 max (1.6 max when current exceeds 600A)
Response Time
Max. 1.5s
(Refers to time required to achieve 90% of accuracy specifications)
Display Refresh Rate
Approx. 2 times/second (Bar graph: Approx. 4 times/second)
Temperature Coefficient
Add (0.05 x accuracy specifications)/°C (at 0°C to 40°C)
Effect of
Conductor Position
within ±5.0%
within ±0.1% (at or below 6A range)
within ±5.0% (at or below 60A range)
Effect of External
Magnetic Field
not defined
Max 7.5mA (within a 400A/m
magnetic field, at or below 6A range)
Other Functions
Display hold, maximum value hold (hold bar graph position),
reversible LCD display, backlight, auto power off, auto power
on when jaws are open, battery level indication
Usage Environment
0°C to 40°C/32°F to 104°F, 80%rh max. (no condensation)
Storage Environment
-10°C to 50°C/14°F to 122°F, 80%rh max. (no condensation)
Standards
EN61010-2-032
Type A current sensor,
CAT III 600V, CAT IV 300V, EN61326
EN61010-2-032
Type A current sensor,
CAT III 300V, EN61326
Rated Voltage and
maximum rated power
DC3V, 25mVA
Power Supply and
max. continuous use
Button type lithium battery (CR2032) x 1,
Approx. 10 hours (continuous, no load)
Dimensions and mass
50W×136H×26Dmm, 90g
1.97"× 5.35" H × 1.02" D, 3.2 oz.
50W×130H×26Dmm, 120g
1.97"× 5.12" × 1.02", 4.2 oz.
Bundled Accessories: Carrying Case 9757 x 1, Wrist strap x 1, Button type lithium battery (CR2032 - test use only) x 1, Instruction Manual x 1,
Basic Operation Sticker x 1
Pocket Size Clamp On Design
Fits perfectly into a shirt pocket.
Convenient portable case
Included soft case protects the
i n s t r u m e n t a n d a t t a c h e s
conveniently to your belt.
❏
Soft case protects the instrument inside toolboxes.
Inside toolboxes
Attaches to belt
Carrying Case Model 9757
(included)
■
3291, 3293 Specifications (accuracy at 23˚C±5˚C (73˚F±9˚F), 80% RH or less)
❏
Compact design for superior
portability
3291
Actual Size



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com