Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS767D301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 2Page - Texas Instruments TPS767D301 Datasheet HTML 3Page - Texas Instruments TPS767D301 Datasheet HTML 4Page - Texas Instruments TPS767D301 Datasheet HTML 5Page - Texas Instruments TPS767D301 Datasheet HTML 6Page - Texas Instruments TPS767D301 Datasheet HTML 7Page - Texas Instruments TPS767D301 Datasheet HTML 8Page - Texas Instruments TPS767D301 Datasheet HTML 9Page - Texas Instruments TPS767D301 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TPS767D301, TPS767D318, TPS767D325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS209B – JULY 1999 – REVISED APRIL 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, Vi = VO(nom) + 1 V, IO = 1 mA, EN = 0, CO = 10 µF(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Adjustable
1.5 V
≤ VO ≤ 5.5 V,
TJ = 25°C
VO
Adjustable
O
,
10
µA < IO < 1 A
TJ = –40°C to 125°C
0.98VO
1.02VO
1 8VOuput
2.8 V < VI < 10 V,
TJ = 25°C
1.8
V
Output voltage (VO)
1.8 V Ouput
I
,
10
µA < IO < 1 A
TJ = –40°C to 125°C
1.764
1.836
V
g( O)
(see Note 2)
2 5 V Output
3.5 V < VI < 10 V,
TJ = 25°C
2.5
2.5 V Output
I
,
10
µA < IO < 1 A
TJ = –40°C to 125°C
2.45
2.55
3 3 V Output
4.3 V < VI < 10 V,
TJ = 25°C
3.3
V
3.3 V Output
I
,
10
µA < IO < 1 A
TJ = –40°C to 125°C
3.234
3.366
V
Quiescent current (GND current) for each LDO
(see Note 2)
10
µA < IO < 1 A,
TJ = 25°C
85
µA
(see Note 2)
IO = 1 A,
TJ = –40°C to 125°C
125
µA
Output voltage line regulation for each LDO
(
∆VO/VO) (see Notes 2 and 3)
VO + 1 V < VI ≤ 10 V,
TJ = 25°C
0.01
%/V
Output noise voltage
BW = 300 Hz to 50 kHz,
CO = 10 µF,
TJ = 25°C
190
µVrms
Output current Limit for each LDO
VO = 0 V
1.7
2
A
Thermal shutdown juction temperature
150
°C
Standby current for each LDO
2.7 < VI < 10V,
TJ = 25°C,
EN = VI,
1
µA
Standby current for each LDO
2.7 < VI < 10V,
TJ = –40°C to 125°C
EN = VI,
10
µA
FB input current
Adjustable
FB = 1.5 V
2
nA
High level enable input voltage
2.0
V
Low level enable input voltage
0.8
V
Power supply ripple rejection (see Note 2)
f = 1 KHz,
TJ = 25°C,
CO = 10 µF
60
dB
Minimum input voltage for valid RESET
IO(RESET) = 300µA
1.1
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 7 V
1
µA
RESET time-out delay
200
mA
NOTES:
2. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. maximum IN voltage 10V.
3. If VO
≤ 1.8 V, Vimin = 2.7 V, and Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
2.7 V
100
1000
If VO
≥ 2.5 V, Vimin = Vo + 1 V, and Vimax = 10 V:
Line Reg. (mV)
+ % V
V
O
V
imax *
V
O )
1V
100
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com