Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS767D301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS767D301 Datasheet HTML 8Page - Texas Instruments TPS767D301 Datasheet HTML 9Page - Texas Instruments TPS767D301 Datasheet HTML 10Page - Texas Instruments TPS767D301 Datasheet HTML 11Page - Texas Instruments TPS767D301 Datasheet HTML 12Page - Texas Instruments TPS767D301 Datasheet HTML 13Page - Texas Instruments TPS767D301 Datasheet HTML 14Page - Texas Instruments TPS767D301 Datasheet HTML 15Page - Texas Instruments TPS767D301 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
TPS767D301, TPS767D318, TPS767D325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS209B – JULY 1999 – REVISED APRIL 2000
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 18
t – Time –
µs
OUTPUT VOLTAGE
vs
TIME (AT STARTUP)
3
2
60
40
20
80 100
140
120
160 180 200
0
0
1
4
0
Figure 19
VI – Input Voltage – V
600
300
0
34
500
400
200
3.5
2.5
100
4.5
5
DROPOUT VOLTAGE
vs
INPUT VOLTAGE
900
800
700
TA = 125°C
TA = –40°C
TA = 25°C
IO = 1A
IN
EN
OUT
+
GND
CO
ESR
RL
VI
To Load
Figure 20. Test Circuit for Typical Regions of Stability (Figures 21 through 24) (fixed output options)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com