Electronic Components Datasheet Search
  English  ▼

X  

TPS767D301 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS767D301
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS767D301 Datasheet(HTML) 1 Page - Texas Instruments

  TPS767D301 Datasheet HTML 1Page - Texas Instruments TPS767D301 Datasheet HTML 2Page - Texas Instruments TPS767D301 Datasheet HTML 3Page - Texas Instruments TPS767D301 Datasheet HTML 4Page - Texas Instruments TPS767D301 Datasheet HTML 5Page - Texas Instruments TPS767D301 Datasheet HTML 6Page - Texas Instruments TPS767D301 Datasheet HTML 7Page - Texas Instruments TPS767D301 Datasheet HTML 8Page - Texas Instruments TPS767D301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TPS767D301, TPS767D318, TPS767D325
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
SLVS209B – JULY 1999 – REVISED APRIL 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Dual Output Voltages for Split-Supply
Applications
D Output Current Range of 0 mA to 1.0 A Per
Regulator
D 3.3-V/2.5-V, 3.3-V/1.8-V, and 3.3-V/Adjustable
Output
D Fast-Transient Response
D 2% Tolerance Over Load and Temperature
D Dropout Voltage Typically 350 mV at 1 A
D Ultra Low 85 µA Typical Quiescent Current
D 1 µA Quiescent Current During Shutdown
D Dual Open Drain Power-On Reset With
200-ms Delay for Each Regulator
D 28-Pin PowerPAD™ TSSOP Package
D Thermal Shutdown Protection for Each
Regulator
description
The TPS767D3xx family of dual voltage regulators offers fast transient response, low dropout voltages and dual
outputs in a compact package and incorporating stability with 10-
µF low ESR output capacitors.
t – Time –
µs
LOAD TRANSIENT RESPONSE
1
0.5
60
40
20
80 100
140
120
160 180 200
0
VO = 3.3 V
CL =100 µF
TA = 25°C
0
0
50
100
–50
–100
TA – Free-Air Temperature – °C
–40
0
20
120
103
–60
40
60
80 100
DROPOUT VOLTAGE
vs
FREE-AIR TEMPERATURE
102
101
100
10–1
10–2
–20
140
IO = 1 A
IO = 10 mA
IO = 0
VO = 3.3 V
CO = 10 µF
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
NC
NC
1GND
1EN
1IN
1IN
NC
NC
2GND
2EN
2IN
2IN
NC
NC
1RESET
NC
NC
1FB/NC
1OUT
1OUT
2RESET
NC
NC
NC
2OUT
2OUT
NC
NC
PWP PACKAGE
(TOP VIEW)
NC – No internal connection


Similar Part No. - TPS767D301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS767D301 TI-TPS767D301 Datasheet
1Mb / 158P
Digital Signal Controller (DSC)
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI1-TPS767D301 Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301 TI2-TPS767D301 Datasheet
993Kb / 21P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
REVISED AUGUST 2008
TPS767D301-EP TI1-TPS767D301-EP Datasheet
698Kb / 21P
DUAL-OUTPUT LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS767D301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73HD301 TI-TPS73HD301 Datasheet
406Kb / 28P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
2A Output Low Dropout Voltage Regulators
KA78RXXC FAIRCHILD-KA78RXXC Datasheet
196Kb / 20P
1A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D301-Q1 TI-TPS767D301-Q1 Datasheet
370Kb / 21P
DUAL-OUTPUT LOW-DROPOUT VOLATAGE REGULATORS
logo
Fairchild Semiconductor
KA278RXXC FAIRCHILD-KA278RXXC Datasheet
209Kb / 20P
2A Output Low Dropout Voltage Regulators
logo
Texas Instruments
TPS767D301 TI1-TPS767D301 Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI-TPS73HD301_15 Datasheet
985Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS73HD301 TI1-TPS73HD301_16 Datasheet
990Kb / 36P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D3XX TI1-TPS767D3XX Datasheet
1Mb / 22P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
TPS767D301-Q1 TI1-TPS767D301-Q1_17 Datasheet
950Kb / 26P
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com