| Electronic Components Datasheet Search |
|
TPS75201QPWPR Datasheet(PDF) 17 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS75201QPWPR Datasheet(HTML) 17 Page - Texas Instruments |
|
17 / 29 page ![]() TPS75201Q, TPS75215Q, TPS75218Q, TPS75225Q, TPS75233Q WITH RESET TPS75401Q, TPS75415Q, TPS75418Q, TPS75425Q, TPS75433Q WITH POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS SLVS242B – MARCH 2000 – REVISED JUNE 2003 17 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION In most cases one can neglect the effect of inductive impedance ESL. Therefore, the following application focuses mainly on the parasitic resistance ESR. Figure 22 shows the output capacitor and its parasitic impedances in a typical LDO output stage. LDO VI VESR IO RESR CO RLOAD VO + – Figure 22. LDO Output Stage With Parasitic Resistances ESR and ESL In steady state (dc state condition), the load current is supplied by the LDO (solid arrow) and the voltage across the capacitor is the same as the output voltage (V(CO) = VO). This means no current is flowing into the CO branch. If IO suddenly increases (transient condition), the following occurs: D The LDO is not able to supply the sudden current need due to its response time (t1 in Figure 24). Therefore, capacitor CO provides the current for the new load condition (dashed arrow). CO now acts like a battery with an internal resistance, ESR. Depending on the current demand at the output, a voltage drop will occur at RESR. This voltage is shown as VESR in Figure 23. D When CO is conducting current to the load, initial voltage at the load will be VO = V(CO) – VESR. Due to the discharge of CO, the output voltage VO will drop continuously until the response time t1 of the LDO is reached and the LDO will resume supplying the load. From this point, the output voltage starts rising again until it reaches the regulated voltage. This period is shown as t2 in Figure 24. The figure also shows the impact of different ESRs on the output voltage. The left brackets show different levels of ESRs where number 1 displays the lowest and number 3 displays the highest ESR. From above, the following conclusions can be drawn: D The higher the ESR, the larger the droop at the beginning of load transient. D The smaller the output capacitor, the faster the discharge time and the bigger the voltage droop during the LDO response period. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |