Electronic Components Datasheet Search
  English  ▼

X  

TPS75201QPWPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201QPWPR
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75201QPWPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPS75201QPWPR Datasheet HTML 18Page - Texas Instruments TPS75201QPWPR Datasheet HTML 19Page - Texas Instruments TPS75201QPWPR Datasheet HTML 20Page - Texas Instruments TPS75201QPWPR Datasheet HTML 21Page - Texas Instruments TPS75201QPWPR Datasheet HTML 22Page - Texas Instruments TPS75201QPWPR Datasheet HTML 23Page - Texas Instruments TPS75201QPWPR Datasheet HTML 24Page - Texas Instruments TPS75201QPWPR Datasheet HTML 25Page - Texas Instruments TPS75201QPWPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
TPS75201Q, TPS75215Q, TPS75218Q, TPS75225Q, TPS75233Q WITH RESET
TPS75401Q, TPS75415Q, TPS75418Q, TPS75425Q, TPS75433Q WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SLVS242B – MARCH 2000 – REVISED JUNE 2003
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
thermally enhanced TSSOP-20 (PWP – PowerPad
) (continued)
The thermal pad is directly connected to the substrate of the IC, which for the TPS752xxQPWP and
TPS754xxQPWP series is a secondary electrical connection to device ground. The heat-sink surface that is
added to the PWP can be a ground plane or left electrically isolated. In TO220-type surface-mount packages,
the thermal connection is also the primary electrical connection for a given terminal which is not always ground.
The PWP package provides up to 16 independent leads that can be used as inputs and outputs (Note: leads
1, 10, 11, and 20 are internally connected to the thermal pad and the IC substrate).
100
75
50
25
02
3
5
125
THERMAL RESISTANCE
vs
COPPER HEAT-SINK AREA
150
78
14
6
0.3
Natural Convection
50 ft/min
250 ft/min
300 ft/min
Copper Heat-Sink Area – cm2
100 ft/min
150 ft/min
200 ft/min
Figure 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com