Electronic Components Datasheet Search
  English  ▼

X  

TPS75201QPWPR Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201QPWPR
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS75201QPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS75201QPWPR Datasheet HTML 21Page - Texas Instruments TPS75201QPWPR Datasheet HTML 22Page - Texas Instruments TPS75201QPWPR Datasheet HTML 23Page - Texas Instruments TPS75201QPWPR Datasheet HTML 24Page - Texas Instruments TPS75201QPWPR Datasheet HTML 25Page - Texas Instruments TPS75201QPWPR Datasheet HTML 26Page - Texas Instruments TPS75201QPWPR Datasheet HTML 27Page - Texas Instruments TPS75201QPWPR Datasheet HTML 28Page - Texas Instruments TPS75201QPWPR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
TPS75201Q, TPS75215Q, TPS75218Q, TPS75225Q, TPS75233Q WITH RESET
TPS75401Q, TPS75415Q, TPS75418Q, TPS75425Q, TPS75433Q WITH POWER GOOD
FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
SLVS242B – MARCH 2000 – REVISED JUNE 2003
25
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
THERMAL INFORMATION
thermally enhanced TSSOP-20 (PWP – PowerPad
) (continued)
If the system implements a TPS75233QPWP regulator, where VI = 5 V and IO = 800 mA, the internal power
dissipation is:
P
D(total) +
V
I *
V
O
I
O +
(5
* 3.3)
0.8
+ 1.36 W
(9)
Comparing PD(total) with PD(max) reveals that the power dissipation in this example does not exceed the
calculated limit. When it does, one of two corrective actions should be made: raising the power-dissipation limit
by increasing the airflow or the heat-sink area, or lowering the internal power dissipation of the regulator by
reducing the input voltage or the load current. In either case, the above calculations should be repeated with
the new system parameters.
mounting information
The primary requirement is to complete the thermal contact between the thermal pad and the PWB metal. The
thermal pad is a solderable surface and is fully intended to be soldered at the time the component is mounted.
Although voiding in the thermal-pad solder-connection is not desirable, up to 50% voiding is acceptable. The
data included in Figures 26 and 27 is for soldered connections with voiding between 20% and 50%. The thermal
analysis shows no significant difference resulting from the variation in voiding percentage.
Figure 29 shows the solder-mask land pattern for
the PWP package. The minimum recommended
heat-sink area is also illustrated. This is simply a
copper plane under the body extent of the
package, including metal routed under terminals
1, 10, 11, and 20.
Figure 29. PWP Package Land Pattern
Location of Exposed
Thermal Pad on
PWP Package
Minimum Recommended
Heat-Sink Area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com