Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # LMV358
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV358 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button LMV358 Datasheet HTML 2Page - Diodes Incorporated LMV358 Datasheet HTML 3Page - Diodes Incorporated LMV358 Datasheet HTML 4Page - Diodes Incorporated LMV358 Datasheet HTML 5Page - Diodes Incorporated LMV358 Datasheet HTML 6Page - Diodes Incorporated LMV358 Datasheet HTML 7Page - Diodes Incorporated LMV358 Datasheet HTML 8Page - Diodes Incorporated LMV358 Datasheet HTML 9Page - Diodes Incorporated LMV358 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/LMV358/LMV324 Rev. 1
6 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Electrical Characteristics
(Continued)
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V- = 0V, VCM = 2.0V, VO = V+/2 and RL > 1 MΩ. Boldface limits
apply at the temperature extremes.
Symbol
Parameter
Test Conditions
Min
(Note 10)
Typ.
(Note 9)
Max
(Note 10)
Unit
SR
Slew Rate
(Note 13)
1
V/µs
GBWP
Gain-Bandwidth Product
CL = 200 pF
1
MHz
Φ
m
Phase Margin
60
Deg
Gm
Gain Margin
10
dB
en
Input-Referred Voltage
Noise
f > 50 kHz
23
Z
H
nV
Notes:
7. Shorting output to V+ will adversely affect reliability.
8. Shorting output to V- will adversely affect reliability.
9. Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time
and will also depend on the application and configuration. The typical values are not tested and are not guaranteed on shipped production
material.
10. All limits are guaranteed by testing or statistical analysis.
11. RL is connected to V-. The output voltage is 0.5V ≤ VO ≤ 4.5V.
12. All numbers are typical, and apply for packages soldered directly onto a PC board in still air.
13. Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com