Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # LMV358
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV358 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button LMV358 Datasheet HTML 3Page - Diodes Incorporated LMV358 Datasheet HTML 4Page - Diodes Incorporated LMV358 Datasheet HTML 5Page - Diodes Incorporated LMV358 Datasheet HTML 6Page - Diodes Incorporated LMV358 Datasheet HTML 7Page - Diodes Incorporated LMV358 Datasheet HTML 8Page - Diodes Incorporated LMV358 Datasheet HTML 9Page - Diodes Incorporated LMV358 Datasheet HTML 10Page - Diodes Incorporated LMV358 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/LMV358/LMV324 Rev. 1
7 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
0.0
0.2
0.4
0.8
0.10
0.12
0.14
0.16
0.18
0.24
0.22
0.20
0.6
1
2
03
5
4
Supply Voltage (V)
Typical Performance Characteristics
Unless otherwise specified, Vs=+5V, single supply, TA=25
oC
Supply Current vs. Supply Voltage
Output Voltage Swing vs. Supply Voltage
2.5
3.0
3.5
4.0
4.5
5.0
3.0
3.5
4.0
4.5
5.0
5.5
6.0
RL=10Kohm
Supply Voltage (V)
Positive Swing
Negative Swing
PSRR vs. Frequency
CMRR vs. Frequency
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
Frequency (Hz)
Vs = 5V
RL = 10Kohm
100
1k
10k
100k
1M
30
40
50
60
70
80
90
100
Frequency (Hz)
Vs = 5V
VIN = Vs / 2
RL = 5Kohm
CMRR vs. Input Common Mode Voltage
∆Vos vs. CMR
30
40
50
60
70
80
90
-0.2
0.2
0.6
1
1.4
1.8
2.2
2.6
3
3.4
3.8
4.2
4.6
5
Common-mode input voltage (V)
2.7V supply
5V supply
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-0.2
0.20.6
1
1.41.82.22.6
3
3.43.84.24.6
5
Common-mode input voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com