Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # LMV358
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV358 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button LMV358 Datasheet HTML 4Page - Diodes Incorporated LMV358 Datasheet HTML 5Page - Diodes Incorporated LMV358 Datasheet HTML 6Page - Diodes Incorporated LMV358 Datasheet HTML 7Page - Diodes Incorporated LMV358 Datasheet HTML 8Page - Diodes Incorporated LMV358 Datasheet HTML 9Page - Diodes Incorporated LMV358 Datasheet HTML 10Page - Diodes Incorporated LMV358 Datasheet HTML 11Page - Diodes Incorporated LMV358 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/LMV358/LMV324 Rev. 1
8 of 16
JUNE 2009
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
(Continued)
Sourcing Current vs. Output Voltage (2.7V)
Sourcing Current vs. Output Voltage (5V)
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
10
100
Output voltage referenced to Vcc-V
Vcc=5V
Sinking Current vs. Output Voltage (2.7V)
Sinking Current vs. Output Voltage (5V)
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
10
100
Output voltage referenced to GND-V
Vcc=2.7V
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
10
100
Output voltage referenced to GND-V
Vcc=5V
Input Voltage vs. Output Voltage
Output voltage vs. input voltage
0
50
100
150
200
250
300
0.0
0.5
1.0
1.5
2.0
Vs=+/- 2V
RL=600ohm
RL=10kohm
RL=2k ohm
Input voltage(uV)
-600
-400
-200
0
200
400
600
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
Input voltage (µV)
RL = 600 ohm
RL = 10 kohm
RL = 2 kohm
1E-3
0.01
0.1
1
10
1E-3
0.01
0.1
1
10
100
Output voltage referenced to Vcc-V
VCC=2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com