Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 42 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 42 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 38Page - Texas Instruments TSB12C01A Datasheet HTML 39Page - Texas Instruments TSB12C01A Datasheet HTML 40Page - Texas Instruments TSB12C01A Datasheet HTML 41Page - Texas Instruments TSB12C01A Datasheet HTML 42Page - Texas Instruments TSB12C01A Datasheet HTML 43Page - Texas Instruments TSB12C01A Datasheet HTML 44Page - Texas Instruments TSB12C01A Datasheet HTML 45Page - Texas Instruments TSB12C01A Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
5–2
5.2
Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Input voltage, VI
0
VCC
V
High-level input voltage, VIH
2
VCC
V
Low-level input voltage, VIL
0
0.8
V
Clock frequency
BCLK
25
MHz
Clock frequency
SCLK
49.152
MHz
†
TSB12C01A
115
Virtual junction temperature, TJ†
TSB12C01AI
125
°C
TSB12C01AM
150
TSB12C01A
0
70
Operating free-air temperature, TA
TSB12C01AI
–40
85
°C
TSB12C01AM
–55
125
† Actual junction temperature is a function of ambient temperature, package selection, power dissipation, and air flow.
Customer is responsible for maintaining the junction temperature within the recommended operating conditions.
Operating device at junction temperatures higher than what is recommended will cause device to operate outside the
characterization models established during device simulation and may affect the reliability performance.
5.3
Electrical Characteristics Over Recommended Ranges of Supply Voltage
and Operating Free-Air Temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
IOH = – 4 mA
VCC – 0.8
V
VOL
Low-level output voltage
IOL = 4 mA
0.5
V
VIT + Positive-going input threshold voltage
2
V
VIT – Negative-going input threshold voltage
0.8
V
IIL
Low-level input current
VI = GND
–1
µA
IIH
High-level input current
VI = VCC
1
µA
IOZ
High-impedance-state output current
VO = VCC or GND,
See Note 4
±10
µA
ICC
Supply current
No load on outputs,
SCLK = 49.152 MHz
BCLK = 25 MHz
150
mA
PZ package
input terminals
5
WN package
input terminals
6
Ci
Input capacitance
PZ package
bidirectional
terminals
VCC = 5 V,
TA = 25°C
13
pF
WN package
bidirectional
terminals
A
7
Co
Output capacitance
PZ package
8
pF
Co
Out ut ca acitance
WN package
7
F
† All typical values are at VCC = 5 V and TA = 25°C.
NOTE 4: All outputs are in the high-impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com