Electronic Components Datasheet Search
  English  ▼

X  

TSB12C01A Datasheet(PDF) 50 Page - Texas Instruments

Part # TSB12C01A
Description  High-Speed Serial-Bus Link-Layer Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB12C01A Datasheet(HTML) 50 Page - Texas Instruments

Back Button TSB12C01A Datasheet HTML 46Page - Texas Instruments TSB12C01A Datasheet HTML 47Page - Texas Instruments TSB12C01A Datasheet HTML 48Page - Texas Instruments TSB12C01A Datasheet HTML 49Page - Texas Instruments TSB12C01A Datasheet HTML 50Page - Texas Instruments TSB12C01A Datasheet HTML 51Page - Texas Instruments TSB12C01A Datasheet HTML 52Page - Texas Instruments TSB12C01A Datasheet HTML 53Page - Texas Instruments TSB12C01A Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 59 page
background image
7–2
7.4.1
Phy Interface Has Control of the Bus
Table 7–1. Phy Interface Control of Bus Functions
CTL0,CTL1
NAME
DESCRIPTION OF ACTIVITY
00
Idle
No activity is occurring (this is the default mode).
01
Status
Status information is being sent from the phy layer to the TSB12C01A.
10
Receive
An incoming packet is being sent from the phy layer to the TSB12C01A.
11
Transmit
The TSB12C01A has been given control of the bus to send an outgoing packet.
7.4.2
TSB12C01A Has Control of the Bus
The TSB12C01A has control of the bus after receiving permission from the phy layer.
Table 7–2. TSB12C01A Control of Bus Functions
CTL0, CTL1
NAME
DESCRIPTION OF ACTIVITY
00
Idle
The TSB12C01A releases the bus (transmission has been completed).
01
Hold
The TSB12C01A is holding the bus while data is being prepared for transmission, or the
TSB12C01A wants to send another packet without arbitration.
10
Transmit
An outgoing packet is being sent from the TSB12C01A to phy layer.
11
Reserved
None
7.5
Request
A serial stream of information is sent across the LREQ terminal whenever the TSB12C01A needs to request
the bus or access a register that is located in the phy layer. The size of the stream varies depending on
whether the transfer is a bus request, a read command, or a write command. Regardless of the type of
transfer, a start bit of 1 is required at the beginning of the stream and a stop bit of 0 is required at the end
of the stream.
Table 7–3. Request Functions
NUMBER
of BITS
NAME
7
Bus Request
9
Read Register Request
17
Write Register Request
7.5.1
LREQ Transfer
The definition of the bits in the three different types of transfers are shown in Table 7–4.
7.5.1.1
TSB12C01A Bus Request
Table 7–4. Bus-Request Functions (Length of Stream: 7 Bits)
BIT(S)
NAME
DESCRIPTION
0
Start Bit
Start bit indicates the beginning of the transfer (always set).
1–3
Request Type
Request type indicates the type of bus request (see Table 7–7 for the encoding of this
field).
4–5
Request Speed
Request speed indicates the speed at which the phy interface sends the packet for this
particular request (see Table 7–8 for the encoding of this field).
6
Stop Bit
Stop bit indicates the end of the transfer (always cleared).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com