Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF16821 Datasheet(HTML) 5 Page - Texas Instruments

  BUF16821 Datasheet HTML 1Page - Texas Instruments BUF16821 Datasheet HTML 2Page - Texas Instruments BUF16821 Datasheet HTML 3Page - Texas Instruments BUF16821 Datasheet HTML 4Page - Texas Instruments BUF16821 Datasheet HTML 5Page - Texas Instruments BUF16821 Datasheet HTML 6Page - Texas Instruments BUF16821 Datasheet HTML 7Page - Texas Instruments BUF16821 Datasheet HTML 8Page - Texas Instruments BUF16821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
BUF16821
www.ti.com ............................................................................................................................................................... SBOS428B – JULY 2008 – REVISED MAY 2009
PIN DESCRIPTIONS
PIN #
NAME
DESCRIPTION
1
VCOM2
VCOM channel 2
2
OUT1
DAC output 1
3
OUT2
DAC output 2
4
OUT3
DAC output 3
5
OUT4
DAC output 4
6
OUT5
DAC output 5
7
OUT6
DAC output 6
8
GNDA
Analog ground; must be connected to digital ground (GNDD).
9
VS
VS connected to analog supply
10
OUT7
DAC output 7
11
OUT8
DAC output 8
12
OUT9
DAC output 9
13
VSD
Digital supply; connect to logic supply
14
SCL
Serial clock input; open-drain, connect to pull-up resistor.
15
SDA
Serial data I/O; open-drain, connect to pull-up resistor.
16
A0
A0 address pin for I2C address; connect to either logic 1 or logic 0. See Table 1.
17
BKSEL
Selects memory bank 0 or 1; connect to either logic 1 to select bank 1 or logic 0 to select bank 0.
18
GNDD
Digital ground; must be connected to analog ground at the BUF16821.
19
OUT10
DAC output 10
20
OUT11
DAC output 11
21
OUT12
DAC output 12
22
OUT13
DAC output 13
23
VS
VS connected to analog supply
24
GNDA
Analog ground; must be connected to digital ground (GNDD).
25
OUT14
DAC output 14
26
OUT15
DAC output 15
27
OUT16
DAC output 16
28
VCOM1
VCOM channel 1
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com