Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF16821 Datasheet(HTML) 3 Page - Texas Instruments

  BUF16821 Datasheet HTML 1Page - Texas Instruments BUF16821 Datasheet HTML 2Page - Texas Instruments BUF16821 Datasheet HTML 3Page - Texas Instruments BUF16821 Datasheet HTML 4Page - Texas Instruments BUF16821 Datasheet HTML 5Page - Texas Instruments BUF16821 Datasheet HTML 6Page - Texas Instruments BUF16821 Datasheet HTML 7Page - Texas Instruments BUF16821 Datasheet HTML 8Page - Texas Instruments BUF16821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
ELECTRICAL CHARACTERISTICS
BUF16821
www.ti.com ............................................................................................................................................................... SBOS428B – JULY 2008 – REVISED MAY 2009
Boldface limits apply over the specified temperature range, TA = –40°C to +85°C.
At TA = +25°C, VS = +18V, VSD = +2V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
BUF16821
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG GAMMA BUFFER CHANNELS
Reset Value
Code 512
9
V
OUT 1–16 Output Swing: High
Code = 1023, Sourcing 10mA
17.7
17.85
V
OUT 1–16 Output Swing: Low
Code = 0, Sinking 10mA
0.07
0.3
V
VCOM1, 2 Output Swing: High
BUF16821A
Code = 1023, Sourcing 100mA
13
16.2
V
BUF16821B(1)
Code = 511, Sourcing 100mA
8.96
V
VCOM1, 2 Output Swing: Low
BUF16821A
Code = 0, Sinking 100mA
0.6
2
V
BUF16821B(1)
Code = 384, Sinking 100mA
6.75
V
Continuous Output Current
Note (2)
30
mA
Output Accuracy
±20
±50
mV
vs Temperature
Code 512
±25
µV/°C
Integral Nonlinearity
INL
0.3
LSB
Differential Nonlinearity
DNL
0.3
LSB
Load Regulation, 10mA
REG
Code 512 or VCC/2, IOUT = +5mA to –5mA Step
0.5
1.5
mV/mA
OTP MEMORY
Number of OTP Write Cycles
16
Cycles
Memory Retention
100
Years
ANALOG POWER SUPPLY
Operating Range
9
20
V
Total Analog Supply Current
IS
Outputs at Reset Values, No Load
12
14
mA
Over Temperature
18
mA
DIGITAL
Logic 1 Input Voltage
VIH
0.7 × VSD
V
Logic 0 Input Voltage
VIL
0.3 × VSD
V
Logic 0 Output Voltage
VOL
ISINK = 3mA
0.15
0.4
V
Input Leakage
±0.01
±10
µA
Clock Frequency
fCLK
Standard/Fast Mode
400
kHz
High-Speed Mode
3.4
MHz
DIGITAL POWER SUPPLY
Operating Range
VSD
2.0
5.5
V
Digital Supply Current(2)
ISD
Outputs at Reset Values, No Load, Two-Wire Bus Inactive
115
150
µA
Over Temperature
115
µA
TEMPERATURE RANGE
Specified Range
–40
+85
°C
Operating Range
Junction Temperature < +125°C
–40
+95
°C
Storage Range
–65
+150
°C
Thermal Resistance(2)
θ
JA
HTSSOP-28
See Note (3)
40
°C/W
(1)
BUF16821B output swing is limited internally. Bits 9, 8, and 7 are fixed at '011'.
(2)
Observe maximum power dissipation.
(3)
Thermal pad attached to printed circuit board (PCB), 0lfm airflow, and 76mm × 76mm copper area.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com