Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BUF16821 Datasheet(HTML) 19 Page - Texas Instruments

Back Button BUF16821 Datasheet HTML 15Page - Texas Instruments BUF16821 Datasheet HTML 16Page - Texas Instruments BUF16821 Datasheet HTML 17Page - Texas Instruments BUF16821 Datasheet HTML 18Page - Texas Instruments BUF16821 Datasheet HTML 19Page - Texas Instruments BUF16821 Datasheet HTML 20Page - Texas Instruments BUF16821 Datasheet HTML 21Page - Texas Instruments BUF16821 Datasheet HTML 22Page - Texas Instruments BUF16821 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
END-USER SELECTED GAMMA CONTROL
DYNAMIC GAMMA CONTROL
BUF16821
I C
2
Changein
OutputVoltages
OUT1
OUT16
5V
BKSEL
Switch
BUF16821
www.ti.com ............................................................................................................................................................... SBOS428B – JULY 2008 – REVISED MAY 2009
Because the BUF16821 has two banks of nonvolatile
Dynamic gamma control is a technique used to
memory, it is well-suited for providing two levels of
improve
the
picture
quality
in
LCD
television
gamma control by using the BKSEL pin, as shown in
applications.
This
technique
typically
requires
Figure 17. When the state of the BKSEL pin changes,
switching gamma curves between frames. Using the
the BUF16821 updates all 18 programmable buffer
BKSEL pin to switch between two gamma curves
outputs simultaneously after 750
µs (±80µs).
does not often provide good results because of the
750
µs required to transfer the data from the
To update all 18 programmable output voltages
nonvolatile memory to the DAC register. However,
simultaneously via hardware, toggle the BKSEL pin to
dynamic gamma control can still be accomplished by
switch between Gamma Curve 0 (stored in Bank0)
storing two gamma curves in an external EEPROM
and Gamma Curve 1 (stored in Bank1).
and writing directly to the DAC register (volatile).
All DAC/VCOM registers and output voltages are
The
double
register
input
structure
saves
updated simultaneously after approximately 750
µs.
programming time by allowing updated DAC values to
be pre-stored into the first register bank. Storage of
this data can occur while a picture is still being
displayed. Because the data are only stored into the
first register bank, the DAC/VCOM output values
remain unchanged—the display is unaffected. At the
beginning or the end of a picture frame, the
DAC/VCOM outputs (and therefore, the gamma
voltages) can be quickly updated by writing a '1' in bit
15 of any DAC/VCOM register. For details on the
operation of the double register input structure, see
the Updating the DAC Outputs section.
To update all 18 programmable output voltages
simultaneously via software, perform the following
actions:
STEP 1: Write to registers 1–18 with bit 15 always '0'.
STEP 2: Write any DAC/VCOM register a second time
with identical data. Make sure that bit 15 is set to '1'.
All DAC/VCOM channels are updated simultaneously
after receiving the last bit of data.
Figure 17. Gamma Control
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com