Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 5Page - Texas Instruments ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
VOL
VOH or
TXD
RXD
VCC 1
1 k W
60 W
VCC2
GND 1
V TEST
GND 2
CL = 15 pF
(includesprobeand
jigcapacitance)
C = 0.1 F 1%
m
±
CANH
CANL
GND1
C = 0.1 F
m
± 1%
S 1
2.0 V
0.8 V
VOL
VOH or
GND2
ISO1050
30 W
CANH
CANL
47nF
10 nF
Spectrum Analyzer
TXD
500kbps
30 W
6.2kW
6.2kW
DEVICE INFORMATION
ISO1050
www.ti.com............................................................................................................................................................... SLLS983A – JUNE 2009 – REVISED JULY 2009
Figure 13. Common-Mode Transient Immunity Test Circuit
Figure 14. Electromagnetic Emissions Measurement Setup
FUNCTION TABLE(1)
DRIVER
RECEIVER
INPUTS
OUTPUTS
DIFFERENTIAL INPUTS
OUTPUT
BUS STATE
BUS STATE
VID = CANH–CANL
RXD
TXD
CANH
CANL
L(2)
H
L
DOMINANT
VID ≥ 0.9 V
L
DOMINANT
H
Z
Z
RECESSIVE
0.5 V < VID < 0.9 V
?
?
Open
Z
Z
RECESSIVE
VID ≤ 0.5 V
H
RECESSIVE
X
Z
Z
RECESSIVE
Open
H
RECESSIVE
(1)
H = high level; L = low level; X = irrelevant; ? = indeterminate; Z = high impedance
(2)
Logic low pulses to prevent dominant time-out.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com