Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 3 Page - Texas Instruments

  ISO1050 Datasheet HTML 1Page - Texas Instruments ISO1050 Datasheet HTML 2Page - Texas Instruments ISO1050 Datasheet HTML 3Page - Texas Instruments ISO1050 Datasheet HTML 4Page - Texas Instruments ISO1050 Datasheet HTML 5Page - Texas Instruments ISO1050 Datasheet HTML 6Page - Texas Instruments ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DEVICE SWITCHING CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
ISO1050
www.ti.com............................................................................................................................................................... SLLS983A – JUNE 2009 – REVISED JULY 2009
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total loop delay, driver input to receiver output, Recessive to
tloop1
See Figure 9
112
150
210
ns
Dominant
Total loop delay, driver input to receiver output, Dominant to
tloop2
See Figure 9
112
150
210
ns
Recessive
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CANH
2.9
3.5
4.5
VO(D)
Bus output voltage (Dominant)
See Figure 1 and Figure 2, VI = 0 V, RL = 60Ω
V
CANL
0.8
1.2
1.5
VO(R)
Bus output voltage (Recessive)
See Figure 1 and Figure 2, VI = 2 V, RL= 60Ω
2
2.3
3
V
See Figure 1, Figure 2 and Figure 3, VI = 0 V,
1.5
3
RL = 60Ω
VOD(D)
Differential output voltage (Dominant)
V
See Figure 1, Figure 2, and Figure 3 VI = 0 V,
1.4
3
RL = 45Ω, Vcc > 4.8V
See Figure 1 and Figure 2, VI = 3 V, RL = 60Ω
–0.12
0.012
VOD(R)
Differential output voltage (Recessive)
V
VI = 3 V, No Load
–0.5
0.05
VOC(D)
Common-mode output voltage (Dominant)
2
2.3
3
See Figure 8
V
VOC(pp)
Peak-to-peak common-mode output voltage
0.3
IIH
High-level input current, TXD input
VI at 2 V
5
µA
IIL
Low-level input current, TXD input
VI at 0.8 V
–5
µA
IO(off)
Power-off TXD leakage current
VCC1, VCC2 at 0 V, TXD at 5 V
10
µA
See Figure 11, VCANH = –12 V, CANL Open
–105
–72
See Figure 11, VCANH = 12 V, CANL Open
0.36
1
IOS(ss)
Short-circuit steady-state output current
mA
See Figure 11, VCANL =–12 V, CANH Open
–1
–0.5
See Figure 11, VCANL = 12 V, CANH Open
71
105
CO
Output capacitance
See receiver input capacitance
CMTI
Common-mode transient immunity
See Figure 13, VI = VCC or 0 V
25
50
kV/
µs
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, recessive-to-dominant output
31
74
110
tPHL
Propagation delay time, dominant-to-recessive output
25
44
75
See Figure 4
ns
tr
Differential output signal rise time
20
50
tf
Differential output signal fall time
20
50
tdom
Dominant time-out
↓ CL=100 pF, See Figure 10
300
450
700
µs
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com