Electronic Components Datasheet Search
  English  ▼

X  

ISO1050 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1050
Description  ISOLATED CAN TRANSCEIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO1050 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ISO1050 Datasheet HTML 7Page - Texas Instruments ISO1050 Datasheet HTML 8Page - Texas Instruments ISO1050 Datasheet HTML 9Page - Texas Instruments ISO1050 Datasheet HTML 10Page - Texas Instruments ISO1050 Datasheet HTML 11Page - Texas Instruments ISO1050 Datasheet HTML 12Page - Texas Instruments ISO1050 Datasheet HTML 13Page - Texas Instruments ISO1050 Datasheet HTML 14Page - Texas Instruments ISO1050 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
THERMAL CHARACTERISTICS
LIFE EXPECTANCY vs WORKING VOLTAGE
10
100
0
250
500
750
1000
V
– WorkingVoltage – V
IORM
880
120
V
at560V
IORM
28 Years
G001
ISO1050
www.ti.com............................................................................................................................................................... SLLS983A – JUNE 2009 – REVISED JULY 2009
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K Thermal Resistance(1)
120
°C/W
θ
JA
Junction-to-air
High-K Thermal Resistance
73.3
°C/W
Junction-to-board thermal
θ
JB
Low-K Thermal Resistance
10.2
°C/W
resistance
θ
JC
Junction-to-case thermal resistance Low-K Thermal Resistance
14.5
°C/W
VCC1=5.5V, VCC2=5.25V, TA=105°C, RL= 60Ω,
PD
Device power dissipation
TXD input is a 500kHz 50% duty-cycle square
200
mW
wave
Tj shutdown
Thermal shutdown temperature(2)
190
°C
(1)
Tested in accordance with the Low-K or High-K thermal metric definitions of EIA/JESD51-3 for leaded surface mount packages.
(2)
Extended operation in thermal shutdown may affect device reliability.
Figure 15. Life Expectancy vs Working Voltage
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ISO1050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com