Electronic Components Datasheet Search
  English  ▼

X  

WS100 Datasheet(PDF) 2 Page - ASM GmbH

Part # WS100
Description  analog output Explosion-proof
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS100 Datasheet(HTML) 2 Page - ASM GmbH

  WS100 Datasheet HTML 1Page - ASM GmbH WS100 Datasheet HTML 2Page - ASM GmbH WS100 Datasheet HTML 3Page - ASM GmbH WS100 Datasheet HTML 4Page - ASM GmbH WS100 Datasheet HTML 5Page - ASM GmbH WS100 Datasheet HTML 6Page - ASM GmbH WS100 Datasheet HTML 7Page - ASM GmbH WS100 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ASM
CAT-WS-E-05
43
www.asm-sensor.com
Cable forces
typical at 20 °C
Range
Maximum pull-out force
Minimum pull-in force
[mm]
[N]
[N]
2000
5.2
2.8
3500
6.2
3.0
Model WS100
with analog output
Explosion-proof
Outline drawing
WS100 - 2000
Outline drawing
WS100 - 3500
Dimensions informative only.
For guaranteed dimensions consult factory.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com