Electronic Components Datasheet Search
  English  ▼

X  

WS100 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS100
Description  analog output Explosion-proof
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS100 Datasheet(HTML) 1 Page - ASM GmbH

  WS100 Datasheet HTML 1Page - ASM GmbH WS100 Datasheet HTML 2Page - ASM GmbH WS100 Datasheet HTML 3Page - ASM GmbH WS100 Datasheet HTML 4Page - ASM GmbH WS100 Datasheet HTML 5Page - ASM GmbH WS100 Datasheet HTML 6Page - ASM GmbH WS100 Datasheet HTML 7Page - ASM GmbH WS100 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
42
CAT-WS-E-05
ASM
www.asm-sensor.com
Sensor for hostile environments and offshore
applications, with compression-proof sealing
· Protection class IP68
· Measurement ranges:
0 ... 2000 mm und 0 … 3500 mm
· Analog output
·
II 2GD EEx d IIC T6 IP67 (being prepared)
· Also available as non-ex version in an anodized
aluminium housing
Order code WS100
Model name
WS100EXD = Ex version
WS100AL
= Non-ex version in aluminium housing
Measurement Range (in mm)
2000 / 3500
Outputs (see pages 57 and 58)
R1K
= potentiometer 1 k
W (other values on request)
10V
= with 0 ... 10 V signal conditioner
420A
= mit 4 ... 20 mA signal conditioner (2 wire)
420T
= mit 4 ... 20 mA signal conditioner (3 wire)
Other outputs on request
Linearity
L10 = ±0.10 %
option:
L05 = ±0,05 %
L25 = ±0.25 %
Connection
KAB1,5M = cable output, length 1.5 m (standard)
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
Order Example: WS100EXD - 2000 - 420A - L10 - KAB1,5M - M4
Analog
Model WS100
with analog output
Explosion-proof
Specifications
Outputs
Potentiometer: 1 k
W
Voltage: 0...10 V
Current: 4...20 mA, 2 or 3 wire
Material
Stainless steel or aluminium; cable: stainless steel
Resolution
Essentially infinite
Sensing device
Hybrid precision potentiometer
Connection
Cable output, standard length 1.5 m
Linearity
Up to ±0.05 % full scale
Weight
Approx. 13 kg (stainless steel)
Temperature range
-20 to +70 °C
Conformity to standards
Explosion-proof
EN 50014:2000; EN 50018:2000; EN 50281-1:1999
EMC
EN 61326:2004
Protection class of housing
EN 60529:2000, IP 67
Shock
EN 60068-2-27:1993, 50 g 11 ms, 100 shocks
Vibration
EN 60068-2-6:1995, 20 g, 10 Hz...2 kHz, 10 cycles
WS100xxx


Similar Part No. - WS100

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
WS100M ASM-SENSOR-WS100M Datasheet
1Mb / 6P
Analog Output
WS100M-10000-10V-L10-M4VA ASM-SENSOR-WS100M-10000-10V-L10-M4VA Datasheet
1Mb / 6P
Analog Output
WS100M-10000-R1K-L10-M4VA ASM-SENSOR-WS100M-10000-R1K-L10-M4VA Datasheet
1Mb / 6P
Analog Output
WS100M-2000-10V-L10-M4VA ASM-SENSOR-WS100M-2000-10V-L10-M4VA Datasheet
1Mb / 6P
Analog Output
WS100M-2000-420A-L10-M4VA ASM-SENSOR-WS100M-2000-420A-L10-M4VA Datasheet
1Mb / 6P
Analog Output
More results

Similar Description - WS100

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MERSE10 ALLEN-BRADLEY-440T-MERSE10 Datasheet
53Kb / 2P
Explosion-Proof
440K-H11145 ALLEN-BRADLEY-440K-H11145 Datasheet
59Kb / 2P
Explosion Proof
logo
Systemsensor advanced i...
WFD20EXP SYSTEMSENSOR-WFD20EXP Datasheet
108Kb / 2P
Explosion Proof Waterflow Detector
OSYEXP SYSTEMSENSOR-OSYEXP Datasheet
118Kb / 2P
Explosion Proof Supervisory Switch
logo
Gamewell-FCI by Honeywe...
XAL-53 GAMEWELL-FCI-XAL-53 Datasheet
202Kb / 2P
Explosion-Proof Pull Station
logo
ASM GmbH
WS10EX ASM-SENSOR-WS10EX Datasheet
274Kb / 5P
analog output Dust explosion-proof
WS12EX ASM-SENSOR-WS12EX Datasheet
284Kb / 5P
analog output Dust explosion-proof
logo
Systemsensor advanced i...
WFDEXP SYSTEMSENSOR-WFDEXP Datasheet
431Kb / 2P
Explosion Proof Waterflow Detector
logo
TT Electronics.
DS1432 TTELEC-DS1432 Datasheet
329Kb / 2P
Explosion Proof Flow Switch
logo
STEGO Elektrotechnik Gm...
CREX020-T3 STEGO-CREX020-T3 Datasheet
280Kb / 1P
EXPLOSION-PROOF ENCLOSURE HEATER
18.10.2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com