Electronic Components Datasheet Search
  English  ▼

X  

WS100 Datasheet(PDF) 3 Page - ASM GmbH

Part # WS100
Description  analog output Explosion-proof
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS100 Datasheet(HTML) 3 Page - ASM GmbH

  WS100 Datasheet HTML 1Page - ASM GmbH WS100 Datasheet HTML 2Page - ASM GmbH WS100 Datasheet HTML 3Page - ASM GmbH WS100 Datasheet HTML 4Page - ASM GmbH WS100 Datasheet HTML 5Page - ASM GmbH WS100 Datasheet HTML 6Page - ASM GmbH WS100 Datasheet HTML 7Page - ASM GmbH WS100 Datasheet HTML 8Page - ASM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
44
CAT-WS-E-05
ASM
www.asm-sensor.com
Sensor for hostile environments and offshore
applications, with compression-proof sealing
· Protection class IP68
· Measurement ranges:
0 ... 2000 mm and 0 … 3500 mm
· With incremental encoder output
·
II 2GD EEx d IIC T6 IP67 (being prepared)
· Also available as non-ex version in an anodized
aluminium housing
Order code WS100
Model name
WS100EXD = Ex-version
WS100AL
= Non-ex version in aliminium housing
Measurement Range (in mm)
2000 / 3500
Pulses per mm
2000 mm:5/10
3500 mm: 2.75 / 5.5
Outputs (see page 60)
IE24LI
= Incremental encoder TTL compatible inverted
IE24HI
= Incremental encoder HTL compatible inverted
Connection
KAB1,5M = Cable output, length 1.5 m (standard)
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
Order Example: WS100EXD - 2000 - 10 - IE24HI - KAB1,5M - M4
Incremental
Model WS100
with incremental encoder output
Explosion-proof
Specifications
Outputs
Incremental encoder output HTL or TTL compatible
Material
Stainless steel or aluminium; cable: stainless steel
Resolution
2000 mm: 5 or 10 pulses per mm
3500 mm: 2.75 or 5.5 pulses per mm
Sensing device
Incremental encoder
Connection
Cable output, standard length 1.5 m
Linearity
Up to ±0.05 % full scale
Weight
Approx. 13 kg (stainless steel)
Temperature
-20 to +70 °C
Conformity to standards
Explosion-proof
EN 50014:2000; EN 50018:2000; EN 50281-1:1999
EMC
EN 61326:2004
Protection class of housing
DIN EN 60529:2000, IP 67
Shock
DIN EN 60068-2-27:1993, 50 g 11 ms, 100 shocks
Vibration
DIN EN 60068-2-6:1995, 20 g, 10 Hz … 2 kHz, 10 cycles
WS100xxx



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com