Electronic Components Datasheet Search
  English  ▼

X  

THS6214IPWPR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 25Page - Texas Instruments THS6214IPWPR Datasheet HTML 26Page - Texas Instruments THS6214IPWPR Datasheet HTML 27Page - Texas Instruments THS6214IPWPR Datasheet HTML 28Page - Texas Instruments THS6214IPWPR Datasheet HTML 29Page - Texas Instruments THS6214IPWPR Datasheet HTML 30Page - Texas Instruments THS6214IPWPR Datasheet HTML 31Page - Texas Instruments THS6214IPWPR Datasheet HTML 32Page - Texas Instruments THS6214IPWPR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
DIFFERENTIAL NOISE PERFORMANCE
E =
O
e
+(i
R ) +4kTR
N
N
S
S
´
2
2
4kTR
F
G
D
i
IRF
G
D
2
+2
2 ´
+2
DC ACCURACY AND OFFSET CONTROL
R
G
R
F
R
S
E
2
O
E
RS
E
N
I
N
I
N
R
F
R
S
E
RS
E
N
I
N
I
N
4kTR
G
4kTR
F
4kTR
S
4kTR
S
4kTR
F
G
=1+
D
2
R
´
F
R
G
(16)
E =
O
e
+(i
R ) +4kTR
N
N
S
S
´
2
2
2
G
´
D
´
2
+2(i R ) +2(4kTR G )
I
F
F
D
2
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
Dividing this expression by the differential noise gain
(GD = (1 + 2RF/RG)) gives the equivalent input
The THS6214 is designed to be used as a differential
referred spot noise voltage at the noninverting input,
driver in xDSL applications. Therefore, it is important
as shown in Equation 18.
to analyze the
noise
in
such
a
configuration.
Figure 87 shows the op amp noise model for the
differential configuration.
(18)
Evaluating these equations for the THS6214 ADSL
circuit and component values of Figure 82 gives a
total output spot noise voltage of 38.9nV/
√Hz and a
total equivalent input spot noise voltage of 7nV/
√Hz.
In order to minimize the output noise as a result of
the noninverting input bias current noise, it is
recommended
to
keep
the
noninverting
source
impedance as low as possible.
A current-feedback op amp such as the THS6214
provides exceptional bandwidth in high gains, giving
fast pulse settling but only moderate dc accuracy.
The Electrical Characteristics show an input offset
voltage comparable to high-speed, voltage-feedback
amplifiers; however, the two input bias currents are
somewhat higher and are unmatched. While bias
current cancellation techniques are very effective with
most
voltage-feedback
op
amps,
they
do
not
generally reduce the output dc offset for wideband
current-feedback op amps. Because the two input
bias currents are unrelated in both magnitude and
polarity, matching the input source impedance to
reduce error contribution to the output is ineffective.
Evaluating the configuration of Figure 81, using a
worst-case condition at +25°C input offset voltage
and the two input bias currents, gives a worst-case
Figure 87. Differential Op Amp Noise Analysis
output offset range equal to:
Model
VOFF = ±(NG × VOS(MAX)) + (IBN × RS/2 × NG)
±(IBI × RF)
As a reminder, the differential gain is expressed as:
where NG = noninverting signal gain
=
±(10
×
5mV)
+
(3.5
µA × 25Ω × 10)
±(1.24k
Ω × 45
µA)
The output noise can be expressed as shown below:
= ±50mV + 0.875mV ± 55.8mV
VOFF = –104.92mV to +106.67mV
(17)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com