Electronic Components Datasheet Search
  English  ▼

X  

THS6214IPWPR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 13Page - Texas Instruments THS6214IPWPR Datasheet HTML 14Page - Texas Instruments THS6214IPWPR Datasheet HTML 15Page - Texas Instruments THS6214IPWPR Datasheet HTML 16Page - Texas Instruments THS6214IPWPR Datasheet HTML 17Page - Texas Instruments THS6214IPWPR Datasheet HTML 18Page - Texas Instruments THS6214IPWPR Datasheet HTML 19Page - Texas Instruments THS6214IPWPR Datasheet HTML 20Page - Texas Instruments THS6214IPWPR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 41 page
background image
TYPICAL CHARACTERISTICS: VS = ±6V, Full Bias
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(Hz)
10M
100M
400M
G
=1V/V
V =2V
R =100
CM
O
PP
L
W
G
=10V/V
DIFF
R =1.5k
F
W
G
=5V/V
DIFF
R =1.82k
F
W
6
3
0
3
6
9
12
15
18
-
-
-
-
-
-
Frequency(Hz)
10M
100M
400M
G
=5V/V
V =2V
R =100
DIFF
O
PP
L
G
=1V/V
CM
W
75%Bias
50%Bias
FullBias
7.5
6.0
4.5
3.0
1.5
0
1.5
3.0
4.5
6.0
7.5
-
-
-
-
-
2.0
1.6
1.2
0.8
0.4
0
0.4
0.8
1.2
1.6
2.0
-
-
-
-
-
Time(10ns/div)
G
=5V/V
R =
DIFF
L
G
=1V/V
100
CM
W
Small-Signal
PulseResponse
(±500mVP)RightScale
Large-SignalPulseResponse
(±5VP)LeftScale
3
0
3
6
9
12
15
18
-
-
-
-
-
-
0
50
100
150
200
250
300
350
Frequency(MHz)
G
=5V/V
R =100
DIFF
L
G
=1V/V
CM
W
V =4V
O
PP
V =16V
O
PP
V =20V
O
PP
V =2V
O
PP
100
10
1
CapacitiveLoad(pF)
1
10
1000
100
17
14
11
8
5
2
Frequency(Hz)
10M
100M
300M
THS6214
R
S
THS6214
R
S
C
L
1kW
Optional
V
IN
V
OUT
R Optimizedfor100%Bias
S
470pF
100pF
39pF
22pF
47pF
THS6214
www.ti.com ....................................................................................................................................................................................................... SBOS431 – MAY 2009
At TA = +25°C, GDIFF = +5V/V, GCM = 1V/V, RADJ = 0Ω, RF = 1.82kΩ, and RL = 100Ω, unless otherwise noted.
SMALL-SIGNAL FREQUENCY RESPONSE
SMALL-SIGNAL FREQUENCY RESPONSE vs BIAS
Figure 44.
Figure 45.
LARGE-SIGNAL FREQUENCY RESPONSE
PULSE RESPONSE
Figure 46.
Figure 47.
RECOMMENDED RS vs CAPACITIVE LOAD
FREQUENCY RESPONSE vs CAPACITIVE LOAD
Figure 48.
Figure 49.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com