Electronic Components Datasheet Search
  English  ▼

X  

THS6214IPWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # THS6214IPWPR
Description  Dual-Port, Differential, VDSL2 Line Driver Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS6214IPWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button THS6214IPWPR Datasheet HTML 20Page - Texas Instruments THS6214IPWPR Datasheet HTML 21Page - Texas Instruments THS6214IPWPR Datasheet HTML 22Page - Texas Instruments THS6214IPWPR Datasheet HTML 23Page - Texas Instruments THS6214IPWPR Datasheet HTML 24Page - Texas Instruments THS6214IPWPR Datasheet HTML 25Page - Texas Instruments THS6214IPWPR Datasheet HTML 26Page - Texas Instruments THS6214IPWPR Datasheet HTML 27Page - Texas Instruments THS6214IPWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
APPLICATION INFORMATION
WIDEBAND CURRENT-FEEDBACK
A
=1+
D
2 ´
R
F
R
G
(1)
R
L
R
F
1.24kW
R
F
1.24kW
-12V
+12V
1/2
THS6214
1/2
THS6214
R
G
274W
V
OUT
V
IN
G
=1+
DIFF
=
2
R
´ F
R
G
V
OUT
V
IN
THS6214
SBOS431 – MAY 2009 ....................................................................................................................................................................................................... www.ti.com
This approach allows the user to set a source
termination
impedance
at
the
input
that
is
OPERATION
independent of the signal gain. For instance, simple
The
THS6214
provides
the
exceptional
ac
differential filters may be included in the signal path
performance of a wideband current-feedback op amp
right up to the noninverting inputs with no interaction
with
a
highly
linear,
high-power
output
stage.
with the gain setting. The differential signal gain for
Requiring only 21mA/port quiescent current, the
the circuit of Figure 81 is:
THS6214 swings to within 1.9V of either supply rail
on a 100
Ω load and delivers in excess of 416mA at
room
temperature.
This
low-output
headroom
requirement, along with supply voltage independent
Where AD = differential gain.
biasing, provides remarkable ±6V supply operation.
The
THS6214
delivers
greater
than
140MHz
Figure 81 shows a value of 274
Ω for the AD = +10V/V
bandwidth driving a 2VPP output into 100Ω on a ±6V
design. Because the THS6214 is a current feedback
supply. Previous boosted output stage amplifiers
(CFB) amplifier, its bandwidth is primarily controlled
typically suffer from very poor crossover distortion as
with the feedback resistor value; the differential gain,
the output current goes through zero. The THS6214
however, may be adjusted with considerable freedom
achieves a comparable power gain with much better
using just the RG resistor. In fact, RG may be reduced
linearity.
The
primary
advantage
of
a
by a reactive network that provides a very isolated
current-feedback op amp over a voltage-feedback op
shaping to the differential frequency response.
amp
is
that
ac
performance
(bandwidth
and
Various combinations of single-supply or ac-coupled
distortion) is relatively independent of signal gain.
gain can also be delivered using the basic circuit of
Figure 81 shows the dc-coupled, gain of +10V/V, dual
Figure 81. Common-mode bias voltages on the two
power-supply circuit configuration used as the basis
noninverting inputs pass on to the output with a gain
of the ±12V Electrical and Typical Characteristics. For
of +1V/V because an equal dc voltage at each
test purposes, the input impedance is set to 50
Ω with
inverting node creates no current through RG. This
a resistor to ground and the output impedance is set
circuit does show a common-mode gain of +1V/V
to 50
Ω with a series output resistor. Voltage swings
from input to output. The source connection should
reported in the Electrical Characteristics are taken
either remove this common-mode signal if undesired
directly at the input and output pins, whereas load
(using an input transformer can provide this function),
powers (dBm) are defined at a matched 50
Ω load.
or the common-mode voltage at the inputs can be
For the circuit of Figure 81, the total effective load is
used to set the output common-mode bias. If the low
100
Ω || 1.24kΩ || 1.24kΩ = 86.1Ω.
common-mode rejection of this circuit is a problem,
the output interface can also be used to reject that
common-mode.
For
instance,
most
modern
differential input analog-to-digital converters (ADCs)
reject common-mode signals very well, while a line
driver
application
through
a
transformer
also
attenuates the common-mode signal through to the
line.
Figure 81. Noninverting Differential I/O Amplifier
24
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS6214



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com