Electronic Components Datasheet Search
  English  ▼

X  

WS60 Datasheet(PDF) 7 Page - ASM GmbH

Part # WS60
Description  absolute or incremental encoder output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS60 Datasheet(HTML) 7 Page - ASM GmbH

Back Button WS60 Datasheet HTML 3Page - ASM GmbH WS60 Datasheet HTML 4Page - ASM GmbH WS60 Datasheet HTML 5Page - ASM GmbH WS60 Datasheet HTML 6Page - ASM GmbH WS60 Datasheet HTML 7Page - ASM GmbH WS60 Datasheet HTML 8Page - ASM GmbH WS60 Datasheet HTML 9Page - ASM GmbH WS60 Datasheet HTML 10Page - ASM GmbH WS60 Datasheet HTML 11Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
66
CAT-WS-E-05
ASM
www.asm-sensor.com
Programmable Signal
Conditioner HSSIP
Absolute Encoder
synchronous serial
Excitation voltage
10 … 30 V DC
Excitation current
250 mA
Interface
SSI programmable
Lines/drivers
Clock and data / RS-422
Code
Binary or Gray, programmable
Resolution
13 (9 … 20 bit) + 12 bit
Format
MSB justified or fir tree
Programmability
Resolution, code, rotating direction, format,
warning, alarm
Control input
Direction, Preset1, Preset2
Reset button under housing cover
Lockable by programming
Alarm output
Alarm bit (SSI option), warning bit
Status LED
Green = ok, red = alarm
Connection
Cable or male socket 12 pin
Note:
Extension of the cable length will reduce the
maximum transmission rate.
The signals CLOCK/CLOCK and DATA/DATA
must be connected in a twisted pair cable,
shielded per pair and common.
Transmission rate
Cable length
Baud rate
< 50 m
< 400 kHz
< 100 m
< 300 kHz
< 200 m
< 200 kHz
< 400 m
< 100 kHz
Signal Wiring /
Connection
Signal names
Color
CONN-CONIN-12F
Excitation +
white *
11
Excitation GND (0V)
brown *
12
CLOCK
yellow
2
CLOCK
green
1
DATA
pink
3
DATA
grey
4
Direction
blue
8
0 V signal output
black
7
RS-232 TxD
brown
5
RS-232 RxD
white
6
Preset 1
red
9
Preset 2
violet
10
* = larger width 0,5 mm
2
CONN-CONIN-12F-G
Connection
Mating Connector
Output Specification for
absolute encoders
with programmable SSI interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com