Electronic Components Datasheet Search
  English  ▼

X  

WS60 Datasheet(PDF) 1 Page - ASM GmbH

Part # WS60
Description  absolute or incremental encoder output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASM-SENSOR [ASM GmbH]
Direct Link  http://www.asm-sensor.com
Logo ASM-SENSOR - ASM GmbH

WS60 Datasheet(HTML) 1 Page - ASM GmbH

  WS60 Datasheet HTML 1Page - ASM GmbH WS60 Datasheet HTML 2Page - ASM GmbH WS60 Datasheet HTML 3Page - ASM GmbH WS60 Datasheet HTML 4Page - ASM GmbH WS60 Datasheet HTML 5Page - ASM GmbH WS60 Datasheet HTML 6Page - ASM GmbH WS60 Datasheet HTML 7Page - ASM GmbH WS60 Datasheet HTML 8Page - ASM GmbH WS60 Datasheet HTML 9Page - ASM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
30
CAT-WS-E-05
ASM
www.asm-sensor.com
Industrial position sensor for very long
measurement ranges
· Protection class IP52
· Measurement ranges:
0 … 15000 mm, 30000 mm, 60000 mm
· With absolute or incremental encoder output
Order Code WS60
Model Name
Measurement Range (in mm)
15000 / 30000 / 60000
Outputs (see pages 61 ff.)
LD5VC
= Incremental encoder TTL compatible inverted
PP24VC = Incremental encoder HTL compatible inverted
HSSI
= Absolute encoder with synchronous serial output (SSI)
HSSIP
= Absolute encoder with synchronous serial output (SSI), programmable
HPROF = Absolute encoder with Profibus interface
HINT
= Absolute encoder with Interbus interface
HCAN
= Absolute encoder with CAN bus interface
HCANOP = Absolute encoder with CANopen bus interface
HDEV
= Absolute encoder with DeviceNet interface
HPAR
= Absolute encoder with parallel interface
Linearity (option)
L025
= ±0.025 %
Cable fixing
M4
= M4 cable fixing
SB0
= Cable clip
Order Example: WS60 - 60000 - HSSI - M4
Model WS60
with absolute or incremental encoder output
WS60
absolute/incremental
Specifications
Outputs
Incremental encoder with TTL or HTL output
Absolute encoder (see order code)
Resolution
15000 mm
30000 mm
60000 mm
Pulses resp.
steps per mm
16
10
8
Material
Aluminium and stainless steel.
Cable: stainless steel
Sensing device
Incremental encoder or absolute encoder
Connector
Depending on the encoder type
Linearity
±0.1 % full scale, optional ±0.025 % full scale
Weight
15 kg max.
Environmental
EMC
Refer to output specification
Temperature
Refer to output specification
Order Code Mating Connector (see accessories page 82)
Incremental, SSI: CONN-CONIN-12F-G


Similar Part No. - WS60

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLFP WINGS-WS62256LLFP Datasheet
353Kb / 9P
Very Low Power / Voltage CMOS SRAM 32K X 8bit
WS62256LLP WINGS-WS62256LLP Datasheet
353Kb / 9P
Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
List of Unclassifed Man...
WS6264 ETC1-WS6264 Datasheet
315Kb / 13P
High Speed Super Low Power SRAM
WS6264LLFP ETC1-WS6264LLFP Datasheet
315Kb / 13P
High Speed Super Low Power SRAM
More results

Similar Description - WS60

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
Incremental Encoder
logo
ASM GmbH
WS7.0 ASM-SENSOR-WS7.0 Datasheet
266Kb / 6P
Absolute or Incremental Encoder
WS11 ASM-SENSOR-WS11 Datasheet
64Kb / 2P
Position Sensor with Absolute or Incremental Encoder
WS19KK ASM-SENSOR-WS19KK Datasheet
407Kb / 8P
Position Sensor with Absolute or Incremental Encoder
WS58C ASM-SENSOR-WS58C Datasheet
391Kb / 3P
Absolute Encoder Output
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Bourns Electronic Solut...
EAW0J-B24-AE0128L BOURNS-EAW0J-B24-AE0128L Datasheet
274Kb / 5P
Absolute encoder / absolute code output
logo
ASM GmbH
WS19KT ASM-SENSOR-WS19KT Datasheet
760Kb / 12P
Absolute Encoder Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com