Electronic Components Datasheet Search
  English  ▼

X  

TPA2017D2RTJR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2017D2RTJR
Description  2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2017D2RTJR Datasheet(HTML) 3 Page - Texas Instruments

  TPA2017D2RTJR Datasheet HTML 1Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 2Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 3Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 4Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 5Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 6Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 7Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 8Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS TABLE
(1)
TPA2017D2
www.ti.com ..................................................................................................................................................................................................... SLOS584 – APRIL 2009
TERMINAL FUNCTIONS
TERMINAL
I/O/P
DESCRIPTION
NAME
QFN
INR+
15
I
Right channel positive audio input
INR–
14
I
Right channel negative audio input
INL+
1
I
Left channel positive audio input
INL–
2
I
Left channel negative audio input
EN
18
I
Enable terminal (active high)
AGC2
19
I
AGC select function pin 2
AGC1
17
I
AGC select function pin 1
OUTR+
10
O
Right channel positive differential output
OUTR–
9
O
Right channel negative differential output
OUTL+
6
O
Left channel positive differential output
OUTL–
7
O
Left channel negative differential output
AVDD
13
P
Analog supply (must be the same as PVDDR and PVDDL)
AGND
3
P
Analog ground (all GND pins need to be connected)
PVDDR
11, 12
P
Right channel power supply (must be the same as AVDD and PVDDL)
PGND
8
P
Power ground (all GND pins need to be connected)
PVDDL
4, 5
P
Left channel power supply (must be the same as AVDD and PVDDR)
over operating free-air temperature range (unless otherwise noted).
VALUE / UNIT
VDD
Supply voltage
AVDD, PVDDR, PVDDL
–0.3 V to 6 V
INR+, INR–, INL+, INL–
–0.3 V to VDD+0.3 V
Input voltage
EN, AGC1, AGC2
–0.3 V to 6 V
Continuous total power dissipation
See Dissipation Ratings Table
TA
Operating free-air temperature range
–40°C to 85°C
TJ
Operating junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
Human Body Model (HBM)
2 KV
Electro-Static Discharge
ESD
Tolerance, all pins
Charged Device Model (CDM)
500 V
RLOAD Minimum load resistance
3.6
Ω
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
20-pin QFN
5.2 W
41.6 mW/°C
3.12 W
2.7 W
(1)
Dissipations ratings are for a 2-side, 2-plane PCB.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2017D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com