Electronic Components Datasheet Search
  English  ▼

X  

TPA2017D2RTJR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2017D2RTJR
Description  2.8-W/Ch Stereo Class-D Audio Amplifier with SmartGainTM Dynamic Range Compression and AGC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2017D2RTJR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA2017D2RTJR Datasheet HTML 9Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 10Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 11Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 12Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 13Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 14Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 15Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 16Page - Texas Instruments TPA2017D2RTJR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
FILTER FREE OPERATION AND FERRITE BEAD FILTERS
Ferrite
ChipBead
Ferrite
ChipBead
1nF
1nF
OUTP
OUTN
TPA2017D2
www.ti.com ..................................................................................................................................................................................................... SLOS584 – APRIL 2009
A ferrite bead filter can often be used if the design is failing radiated emissions without an LC filter and the
frequency sensitive circuit is greater than 1 MHz. This filter functions well for circuits that just have to pass FCC
and CE because FCC and CE only test radiated emissions greater than 30 MHz. When choosing a ferrite bead,
choose one with high impedance at high frequencies, and low impedance at low frequencies. In addition, select a
ferrite bead with adequate current rating to prevent distortion of the output signal.
Use an LC output filter if there are low frequency (< 1 MHz) EMI sensitive circuits and/or there are long leads
from amplifier to speaker. Figure 21 shows typical ferrite bead and LC output filters.
Figure 21. Typical Ferrite Bead Filter (Chip bead example: TDK: MPZ1608S221A)
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPA2017D2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com