Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology LTC4063 Datasheet HTML 10Page - Linear Technology LTC4063 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LTC4063
4063fb
PI FU CTIO S
BAT (Pin 1): Charger Output and Regulator Input. This pin
provides charge current to the battery and regulates the
final float voltage to 4.2V. This pin also supplies power to
the LDO regulator.
OUT (Pin 2): LDO Regulator Output. This pin should be
bypassed with a
≥ 2µF low ESR capacitor as close to the
pin as possible for best performance. The minimum VOUT
is 1.2V.
FB (Pin 3): Regulator Feedback Input. The voltage on this
pin is compared to the internal reference voltage (800mV)
by the error amplifier to keep the output voltage in regula-
tion. An external resistor divider between OUT and FB sets
the output voltage.
LDOEN (Pin 4): LDO Enable Input. A logic high on the
LDOEN pin shuts down the LDO. In this state, OUT
becomes high impedance and the battery drain current
drops to less than 5
µA. A logic low on the LDOEN pin
enables the LDO regulator. A 2M pull-down resistor de-
faults the LDO to its enabled state.
CHGEN (Pin 5): Charger Enable Input. A logic high on the
CHGEN pin places the charger into shutdown mode, where
the ICC quiescent current is less than 65µA. A logic low on
this pin enables battery charging. A 2M pull-down resistor
to ground defaults the charger to its enabled state.
CHRG (Pin 6): Open-Drain Charge Status Output. The
charge status indicator pin has two states: pull-down and
high impedance. This output can be used as a logic
interface or an LED driver. In the pull-down state, an
NMOS transistor capable of sinking 10mA pulls down on
the CHRG pin. The state of this pin is dependent on the
value of IDETECT as well as the termination method being
used. See Applications Information.
TIMER (Pin 7): Timer Program and Termination Select
Pin. This pin selects which method is used to terminate the
charge cycle. Connecting a capacitor, CTIMER, to ground
selects Charge Time termination. The charge time is set by
the following formula:
Time Hours
Hours
C
F
or
CF
Time Hours
Hours
TIMER
TIMER
()
•
.
.•
()
()
=
µ
=µ
3
01
01
3
Connecting the pin to ground selects Charge Current
termination, while connecting the pin to VCC selects User
termination. See Applications Information.
IDET (Pin 8): Current Detection Threshold Program Pin.
The current detection threshold, IDETECT, is set by con-
necting a resistor, RDET, to ground. IDETECT is set by the
following formula:
I
R
R
I
V
R
or
R
V
I
DETECT
PROG
DET
CHG
DET
DET
DETECT
==
=
10
100
100
•
The CHRG pin becomes high impedance when the charge
current drops below IDETECT. IDETECT can be set to 1/10th
the programmed charge current by connecting IDET di-
rectly to PROG. See Applications Information.
This pin is clamped to approximately 2.4V. Driving this pin
to voltages beyond the clamp voltage can draw large
currents and should be avoided.
PROG (Pin 9): Charge Current Program and Charge Cur-
rent Monitor. The charge current is set by connecting a
resistor, RPROG, to ground. When charging in constant
current mode, this pin servos to 1V. The voltage on this pin
can be used to measure the charge current using the
following formula:
I
V
R
BAT
PROG
PROG
=
• 1000
VCC (Pin 10): Positive Input Supply Pin. Provides power to
the battery charger. This pin should be bypassed with a
1
µF capacitor.
Exposed Pad (Pin 11): Ground. This pin is the back of the
Exposed Pad package and must be soldered to the PCB
copper for minimal thermal resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com