Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology LTC4063 Datasheet HTML 10Page - Linear Technology LTC4063 Datasheet HTML 11Page - Linear Technology LTC4063 Datasheet HTML 12Page - Linear Technology LTC4063 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC4063
4063fb
OPERATIO
The LTC4063 is designed to charge a single cell lithium-
ion battery and supply a regulated output voltage for bat-
tery-powered applications. Using the constant current/con-
stant voltage algorithm, the charger can deliver up to 1A of
charge current with a final float voltage accuracy of
±0.35%.
The LTC4063 includes an internal P-channel power
MOSFET and thermal regulation circuitry. No blocking diode
or external sense resistor is required; thus, the basic charger
circuit requires only two external components.
The LDO regulator is powered from the battery terminal
and can be programmed for output voltages between
1.2V and 4.2V using external resistors. An output capaci-
tor is required on the OUT pin for stability and improved
transient response. A low ESR capacitor of
≥2µF should
be used.
Normal Operation
The charge cycle begins when the voltage at the VCC pin
rises above the UVLO level and a discharged battery is
connected to BAT. If the BAT pin voltage is below 2.9V, the
charger enters trickle charge mode. In this mode, the
LTC4063 supplies 1/10th of the programmed charge
current in order to bring the battery voltage up to a safe
level for full current charging.
Once the BAT pin voltage rises above 2.9V, the charger
enters constant-current mode where the programmed
charge current is supplied to the battery. When the BAT pin
approaches the final float voltage (4.2V), the LTC4063
enters constant-voltage mode and the charge current
decreases as the battery becomes fully charged.
The LTC4063 offers several methods with which to termi-
nate a charge cycle. Connecting an external capacitor to
the TIMER pin activates an internal timer that stops the
charge cycle after the programmed time period has
elapsed. Grounding the TIMER pin and connecting a
resistor to the IDET pin causes the charge cycle to
terminate once the charge current falls below a set
threshold when the charger is in constant-voltage mode.
Connecting the TIMER pin to VCC disables internal termi-
nation, allowing external charge termination to be used by
the CHGEN input. See Applications Information for more
on charge termination methods.
Programming the Charge Current
The charge current is programmed using a single resistor
from the PROG pin to ground. The battery charge current
is 1000 times the current out of the PROG pin. The
program resistor and the charge current are calculated by
the following equations:
R
V
I
I
V
R
PROG
CHG
CHG
PROG
==
1000
1000
,
The charge current out of the BAT pin can be determined
at any time by monitoring the PROG pin voltage and
applying the following equation:
I
V
R
BAT
PROG
PROG
=
• 1000
SmartStart
When the LTC4063 is initially powered on or brought out
of shutdown mode, the charger checks the voltage on
BAT. If the BAT pin is below the recharge threshold of 4.1V
(which corresponds to approximately 80% to 90% battery
capacity), the LTC4063 enters charge mode and begins a
full charge cycle. If the BAT pin is above 4.1V, the LTC4063
enters standby mode and does not begin charging. This
feature reduces the number of unnecessary charge cycles,
prolonging battery life.
Automatic Recharge
When the charger is in standby mode, the LTC4063
continuously monitors the voltage on the BAT pin. When
the BAT pin voltage drops below 4.1V, the charge cycle is
automatically restarted and the internal timer is reset to
50% the programmed charge time (if time termination is
being used). This feature eliminates the need for periodic
charge cycle initiations and ensures that the battery is
always fully charged. Automatic recharge is disabled in
User Termination mode.
Thermal Regulation
An internal thermal feedback loop reduces the programmed
charge current if the die temperature attempts to rise
above a preset value of approximately 105
°C. This feature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com