Electronic Components Datasheet Search
  English  ▼

X  

LTC4063 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4063
Description  Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4063 Datasheet(HTML) 1 Page - Linear Technology

  LTC4063 Datasheet HTML 1Page - Linear Technology LTC4063 Datasheet HTML 2Page - Linear Technology LTC4063 Datasheet HTML 3Page - Linear Technology LTC4063 Datasheet HTML 4Page - Linear Technology LTC4063 Datasheet HTML 5Page - Linear Technology LTC4063 Datasheet HTML 6Page - Linear Technology LTC4063 Datasheet HTML 7Page - Linear Technology LTC4063 Datasheet HTML 8Page - Linear Technology LTC4063 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC4063
4063fb
Standalone Linear Li-Ion
Charger with Micropower
Low Dropout Linear Regulator
■ Charge Current Programmable up to 1A
■ Integrated 100mA Adjustable Low Dropout Linear
Regulator
■ Charges Single Cell Li-Ion Batteries Directly from
USB Port
■ Preset Charge Voltage with
±0.35% Accuracy
■ No External MOSFET, Sense Resistor or Blocking
Diode Needed
■ Thermal Regulation Maximizes Charge Rate
Without Risk of Overheating*
■ Adjustable LDO Output Voltage Range:
1.2V to 4.2V
■ Programmable Charge Termination Timer
■ Programmable Charge Current Detection/Termination
■ SmartStart
TM Prolongs Battery Life
■ Charge Status Output
■ 35
µA Charger Quiescent Current in Shutdown
■ 15
µA LDO Quiescent Current
■ Available in a Low Profile (0.75mm) 10-Lead
(3mm
× 3mm) DFN Package
■
Handheld Computers
■ Portable MP3 Players
■ Digital Cameras
Single Cell Li-Ion Battery Charger with Regulated 3V Output
(C/10 Termination)
The LTC
®4063 is a standalone linear charger for single cell
lithium-ion batteries with an adjustable low dropout linear
regulator (LDO). The adjustable LDO regulates an output
voltage between 1.2V to 4.2V at up to 100mA load current.
When the input supply (wall adapter or USB supply) is
removed, the LDO regulates the output voltage without
interruption. The battery charger and LDO regulator can be
enabled individually.
No external sense resistor or external blocking diode is
required for charging due to the internal MOSFET architec-
ture. Internal thermal feedback regulates the charge cur-
rent to maintain a constant die temperature during high
power operation or high ambient temperature conditions.
The float voltage is fixed at 4.2V and the charge current is
programmed with an external resistor. Charge termination
methods include minimum charge current or maximum
time. With power applied, the LTC4063 can be put into
shutdown mode to reduce the supply current to 35
µA and
the battery drain current to less than 2
µA.
Other features include smart recharge, undervoltage lock-
out, LDO current limiting and a charge status pin to
indicate when the charge cycle has completed.
Complete Charge Cycle (900mAh Battery)
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
+
VCC
TIMER
PROG
IDET
BAT
OUT
FB
LTC4063
GND
440k
700mA
160k
715
Ω
2.2
µF
1
µF
VIN
4.3V TO 8V
4063 TA01a
VOUT
3V
4.2V
SINGLE CELL
Li-Ion BATTERY
TIME (HOURS)
0
400
500
600
2
4063 TA01b
300
200
0
0.50
1
1.50
0.25
2.25
0.75
1.25
1.75
100
800
700
3.75
4.00
4.25
3.50
3.25
2.75
3.00
4.75
4.50
CONSTANT CURRENT
CONSTANT
VOLTAGE
VCC = 5V
TA = 25°C
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
SmartStart is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
*Protected by U.S. Patents including 6522118.


Similar Part No. - LTC4063

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC4063 LINEAR-LTC4063 Datasheet
195Kb / 18P
Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC4063 LINER-LTC4063 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4063 LINER-LTC4063 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4063 LINER-LTC4063 Datasheet
297Kb / 20P
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
LTC4063 LINER-LTC4063_15 Datasheet
297Kb / 20P
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
More results

Similar Description - LTC4063

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4062 LINER-LTC4062 Datasheet
176Kb / 20P
Standalone Linear Li-Ion Battery Charger with Micropower Comparator
logo
SHANGHAI BELLING CO., L...
BL4054 BELLING-BL4054 Datasheet
337Kb / 16P
800mA Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4062 LINER-LTC4062_15 Datasheet
184Kb / 20P
Standalone Linear Li-Ion Battery Charger with Micropower Comparator
LTC4063 LINER-LTC4063_15 Datasheet
297Kb / 20P
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
logo
First Silicon Co., Ltd
FC5754 FS-FC5754 Datasheet
795Kb / 19P
Standalone Linear Li-Ion Battery Charger
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4054H POWER-LP4054H Datasheet
354Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
1A Standalone Linear Li-Ion Battery Charger
LP4074 POWER-LP4074 Datasheet
353Kb / 8P
600mA Standalone Linear Li-Ion Battery Charger
LP4075 POWER-LP4075 Datasheet
310Kb / 7P
600mA Standalone Linear Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com