Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 13Page - NXP Semiconductors SE98ATP Datasheet HTML 14Page - NXP Semiconductors SE98ATP Datasheet HTML 15Page - NXP Semiconductors SE98ATP Datasheet HTML 16Page - NXP Semiconductors SE98ATP Datasheet HTML 17Page - NXP Semiconductors SE98ATP Datasheet HTML 18Page - NXP Semiconductors SE98ATP Datasheet HTML 19Page - NXP Semiconductors SE98ATP Datasheet HTML 20Page - NXP Semiconductors SE98ATP Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
SE98A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 August 2009
17 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
8.2 Capability register (00h, 16-bit read-only)
Table 6.
Capability register (address 00h) bit allocation
Bit
15
14
13
12
11
10
9
8
Symbol
RFU[9:2]
Reset
00000000
Access
RRRRRRRR
Bit
7
6
5
4
3
2
1
0
Symbol
RFU[1:0]
VHV
TRES[1:0]
WRNG
HACC
BCAP
Reset
00110111
Access
RRRRRRRR
Table 7.
Capability register (address 00h) bit description
Bit
Symbol
Description
15:6
RFU
Reserved for future use. Must be zero.
5
VHV
High voltage standoff for pin A0.
1 — This part can support a voltage up to 10 V on the A0 pin to
support JC42.4 ballot 1435.00.
4:3
TRES
Temperature resolution.
10 — 0.125
°C LSB (11-bit)
2
WRNG
Wider range.
1 — can read temperatures below 0
°C and set sign bit accordingly
1
HACC
Higher accuracy (set during manufacture).
1 — B grade accuracy
0
BCAP
Basic capability.
1 — has Alarm and Critical Trips interrupt capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com