Electronic Components Datasheet Search
  English  ▼

X  

SE98ATP Datasheet(PDF) 29 Page - NXP Semiconductors

Part # SE98ATP
Description  DDR memory module temp sensor, 1.7 V to 3.6 V
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE98ATP Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button SE98ATP Datasheet HTML 25Page - NXP Semiconductors SE98ATP Datasheet HTML 26Page - NXP Semiconductors SE98ATP Datasheet HTML 27Page - NXP Semiconductors SE98ATP Datasheet HTML 28Page - NXP Semiconductors SE98ATP Datasheet HTML 29Page - NXP Semiconductors SE98ATP Datasheet HTML 30Page - NXP Semiconductors SE98ATP Datasheet HTML 31Page - NXP Semiconductors SE98ATP Datasheet HTML 32Page - NXP Semiconductors SE98ATP Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
SE98A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 6 August 2009
29 of 43
NXP Semiconductors
SE98A
DDR memory module temp sensor, 1.7 V to 3.6 V
IOL(sink)(SDA) = SDA output current LOW
IOL(sink)EVENT = EVENT output current LOW
10. Limiting values
11. Characteristics
Table 24.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
supply voltage
−0.3
+4.2
V
Vn
voltage on any other pin
SDA, SCL, EVENT pins
−0.3
+4.2
V
VA0
voltage on pin A0
overvoltage input; A0 pin
−0.3
+12.5
V
Isink
sink current
at SDA, SCL, EVENT pins
−1
+50.0
mA
Tj(max)
maximum junction temperature
-
150
°C
Tstg
storage temperature
−65
+165
°C
Table 25.
Characteristics
VDD = 1.7 V to 3.6 V; Tamb = −40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tacc
temperature accuracy
B grade temperature accuracy;
VDD = 1.7 V to 3.6 V
Tamb =75 °Cto95 °C
−1.0
<
±0.5
+1.0
°C
Tamb =40 °C to 125 °C
−2.0
<
±1
+2.0
°C
Tamb = −40 °C to +125 °C
−3.0
<
±2
+3.0
°C
Tres
temperature resolution
-
0.125
-
°C
IDD(AV)
average supply current
-
250
400
µA
IDD(stb)
standby supply current
SMBus inactive
-
0.1
5
µA
Tconv
conversion period
-
100
120
ms
Ef(conv)
conversion rate error
percentage error in programmed
data
−30
-
+30
%
ILIL
LOW-level input leakage current pins A0, A1, A2; VI =VSS
−1.0
-
+1.0
µA
Ipd
pull-down current
internal; pins A0, A1, A2;
VI = 0.3VDD to VDD
0.05
-
4.0
µA
ZIL
LOW-level input impedance
pins A0, A1, A2; VI < 0.3VDD
30
-
-
k
Ω
ZIH
HIGH-level input impedance
pins A0, A1, A2; VI ≥ 0.3VDD
800
-
-
k
Ω
VDD
supply voltage
1.7
1.8 or 2.5
or 3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com