Electronic Components Datasheet Search
  English  ▼

X  

TDF8599A Datasheet(PDF) 33 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button TDF8599A Datasheet HTML 29Page - NXP Semiconductors TDF8599A Datasheet HTML 30Page - NXP Semiconductors TDF8599A Datasheet HTML 31Page - NXP Semiconductors TDF8599A Datasheet HTML 32Page - NXP Semiconductors TDF8599A Datasheet HTML 33Page - NXP Semiconductors TDF8599A Datasheet HTML 34Page - NXP Semiconductors TDF8599A Datasheet HTML 35Page - NXP Semiconductors TDF8599A Datasheet HTML 36Page - NXP Semiconductors TDF8599A Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
33 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
[3]
Total harmonic distortion is measured at the bandwidth of 22 Hz to 20 kHz, AES brick wall. The maximum limit is guaranteed but may
not be 100 % tested.
[4]
Vripple =Vripple(max) = 2 V (p-p); Rs =0 Ω.
[5]
B = 22 Hz to 20 kHz, AES brick wall, Rs =0 Ω.
[6]
B = 22 Hz to 20 kHz, AES brick wall, independent of Rs.
[7]
Vi =Vi(max) = 0.5 V RMS.
14. Application information
14.1 Output power estimation (Stereo mode)
The output power, just before clipping, can be estimated using Equation 5:
(5)
Where,
• VP = supply voltage (V)
• RL = load impedance (Ω)
• RDSon = drain source on-state resistance (Ω)
• Rs = series resistance of the output inductor (Ω)
• tw(min) = minimum pulse width(s) depending on output current (s)
• fosc = oscillator frequency in Hz (typically 320 kHz)
The output power at 10 % THD can be estimated by:
where
Po(1) = 0.5 % and Po(2) =10%.
Figure 26 and Figure 27 show the estimated output power at THD = 0.5 % and
THD = 10 % as a function of supply voltage for different load impedances in stereo mode.
P
o
R
L
R
L
2R
DSon
R
s
+
()
×
+
------------------------------------------------------


1t
w min
()
f
osc
2
----------
×
–


V
P
×
2
×
2R
L
×
---------------------------------------------------------------------------------------------------------------------------------------- W
[]
=
P
o2
()
1.25
P
o1
()
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com