Electronic Components Datasheet Search
  English  ▼

X  

TDF8599A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDF8599A Datasheet HTML 4Page - NXP Semiconductors TDF8599A Datasheet HTML 5Page - NXP Semiconductors TDF8599A Datasheet HTML 6Page - NXP Semiconductors TDF8599A Datasheet HTML 7Page - NXP Semiconductors TDF8599A Datasheet HTML 8Page - NXP Semiconductors TDF8599A Datasheet HTML 9Page - NXP Semiconductors TDF8599A Datasheet HTML 10Page - NXP Semiconductors TDF8599A Datasheet HTML 11Page - NXP Semiconductors TDF8599A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
8 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
The value of the resistor Rosc sets the clock frequency based on Equation 1:
(1)
In Master mode, Spread spectrum mode and frequency hopping can be enabled. In Slave
mode, phase staggering and phase lock operation can be selected. An external clock can
be used as the master-clock on pin OSCIO of the slave devices. When using an external
clock, it must remain active during the shutdown sequence to ensure that all devices are
switched off and able to enter the off state as described in Section 8.2 on page 6.
In Slave mode, an internal watchdog timer on pin OSCIO is triggered when the TDF8599A
is switched off by pulling down pin EN. If the external clock fails, the watchdog timer forces
the TDF8599A to switch off.
8.3.2 Spread spectrum mode (Master mode)
Spread spectrum mode is a technique of modulating the oscillator frequency with a slowly
varying signal to broaden the switching spectrum, thereby reducing the spectral density of
the EMI. Connecting a capacitor (CSSM) to pin SSM enables Spread spectrum mode (see
Figure 6). When pin SSM is connected to pin AGND, Spread spectrum mode is disabled.
Fig 4.
Clock frequency as a function of Rosc
Fig 5.
Master and slave configuration
f
osc
12.45
10
9
×
R
osc
---------------------------- Hz
[]
=
fosc (kHz)
300
500
450
350
400
001aai771
20
30
10
40
50
Rosc
(k
Ω)
0
001aak075
OSCSET
OSCIO
Master
Cosc
R
fosc
Rosc
TDF8599A
OSCSET
OSCIO
Slave 1
TDF8599A
OSCSET
OSCIO
Slave 2
TDF8599A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com