Electronic Components Datasheet Search
  English  ▼

X  

TDF8599A Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDF8599A
Description  I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599A Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDF8599A Datasheet HTML 31Page - NXP Semiconductors TDF8599A Datasheet HTML 32Page - NXP Semiconductors TDF8599A Datasheet HTML 33Page - NXP Semiconductors TDF8599A Datasheet HTML 34Page - NXP Semiconductors TDF8599A Datasheet HTML 35Page - NXP Semiconductors TDF8599A Datasheet HTML 36Page - NXP Semiconductors TDF8599A Datasheet HTML 37Page - NXP Semiconductors TDF8599A Datasheet HTML 38Page - NXP Semiconductors TDF8599A Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
TDF8599A_2
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 02 — 30 June 2009
35 of 54
NXP Semiconductors
TDF8599A
I2C-bus controlled dual channel class-D power amplifier
14.3 Output current limiting
The peak output current is internally limited to 8 A maximum. During normal operation, the
output current should not exceed this threshold level otherwise the output signal will be
distorted. The peak output current can be estimated using Equation 6:
(6)
• Io = output current (A)
• VP = supply voltage (V)
• RL = load impedance (Ω)
• RDSon = on-resistance of power switch (Ω)
• Rs = series resistance of output inductor (Ω)
Example: A 2
Ω speaker can be used with a supply voltage of 19 V before current limiting
is triggered.
Current limiting (clipping) avoids audio holes but can cause distortion similar to voltage
clipping. In Parallel mode, the output current is internally limited above 16 A.
THD = 0.5 %.
RDSon = 0.1 Ω (at Tj = 100 °C), Rs = 0.025 Ω,
tw(min) = 190 ns and IO(ocp) = 16 A (minimum).
(1) RL =1 Ω.
(2) RL =2 Ω.
(3) RL =4 Ω.
THD = 10 %.
RDSon = 0.1 Ω (at Tj = 100 °C), Rs = 0.025 Ω,
tw(min) = 190 ns and IO(ocp) = 16 A (minimum).
(1) RL =1 Ω.
(2) RL =2 Ω.
(3) RL =4 Ω.
Fig 28. Po as a function of VP in parallel mode with
THD = 0.5 %
Fig 29. Po as a function of VP parallel mode with
THD = 10 %
VP (V)
840
32
24
16
(1)
(2)
(3)
001aaj183
150
50
100
200
250
Po
(W)
0
VP (V)
840
32
24
16
(1)
(2)
(3)
001aaj184
100
200
300
50
150
250
Po
(W)
0
I
o
V
P
R
L
2
+
R
DSon
R
s
+
()
×
------------------------------------------------------
8 [A]
≤≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com