Electronic Components Datasheet Search
  English  ▼

X  

XC6601 Datasheet(PDF) 13 Page - Torex Semiconductor

Part # XC6601
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601 Datasheet(HTML) 13 Page - Torex Semiconductor

Back Button XC6601 Datasheet HTML 9Page - Torex Semiconductor XC6601 Datasheet HTML 10Page - Torex Semiconductor XC6601 Datasheet HTML 11Page - Torex Semiconductor XC6601 Datasheet HTML 12Page - Torex Semiconductor XC6601 Datasheet HTML 13Page - Torex Semiconductor XC6601 Datasheet HTML 14Page - Torex Semiconductor XC6601 Datasheet HTML 15Page - Torex Semiconductor XC6601 Datasheet HTML 16Page - Torex Semiconductor XC6601 Datasheet HTML 17Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
13/33
XC6601
Series
<Under Voltage Lock Out (UVLO) >
When the VBIAS pin voltage drops below 2.0V (TYP.) or VIN pin voltage drops below 0.4V (TYP.), the output driver transistor is
forced OFF by UVLO function to prevent false output caused by unstable operation of the internal circuitry. When the VBIAS pin
voltage rise at 2.2V (TYP.) or the VIN pin voltage rises at 0.4V (TYP.), the UVLO function is released. The driver transistor is
turned in the ON state and start to operate voltage regulation.
<CE Pin>
The IC internal circuitry can be shutdown via the signal from the CE pin with the XC6601 series. In shutdown mode, output at the
VOUT pin will be pulled down to the VSS level via R1 & R2. However, as for the XC6601 series, the CL auto-discharge resistor is
connected in parallel to R1 and R2 while the power supply is applied to the VIN pin. Therefore, time until the VOUT pin reaches the
VSS level becomes short.
The CE pin of XC6601A has pull-down circuitry so that CE input current increase during IC operation. The CE pin of XC6601B
does not have pull-down circuitry so that logic is not fixed when the CE pin is open. If the CE pin voltage is taken from VBIAS pin
or VSS pin then logic is fixed and the IC will operate normally. However, supply current may increase as a result of through current
in the IC's internal circuitry when medium voltage is input.
1.
Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2.
Where wiring impedance is high, operations may become unstable due to noise and/or phase lag depending on output
current. Please keep the resistance low between VBIAS and VSS wiring or VIN and VSS wiring in particular.
3.
Please wire the bias capacitor (CBIAS), input capacitor (CIN) and the output capacitor (CL) as close to the IC as possible.
4.
Capacitance values of these capacitors (CBIAS, CIN, CL) are decreased by the influences of bias voltage and ambient
temperature. Care shall be taken for capacitor selection to ensure stability of phase compensation from the point of ESR
influence.
5.
In case of the output capacitor more than CL=22μF is used, ringing of input current occurs when rising time.
6.
VIN and CE should be applied at least 10μs after the bias voltage VBIAS reaches the requested voltage.
If VIN and CE are applied within 10μs, inrush current like 1A may occurs.
■
NOTE ON USE
■
OPERATIONAL EXPLANATION (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com