Electronic Components Datasheet Search
  English  ▼

X  

XC6601 Datasheet(PDF) 21 Page - Torex Semiconductor

Part # XC6601
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601 Datasheet(HTML) 21 Page - Torex Semiconductor

Back Button XC6601 Datasheet HTML 17Page - Torex Semiconductor XC6601 Datasheet HTML 18Page - Torex Semiconductor XC6601 Datasheet HTML 19Page - Torex Semiconductor XC6601 Datasheet HTML 20Page - Torex Semiconductor XC6601 Datasheet HTML 21Page - Torex Semiconductor XC6601 Datasheet HTML 22Page - Torex Semiconductor XC6601 Datasheet HTML 23Page - Torex Semiconductor XC6601 Datasheet HTML 24Page - Torex Semiconductor XC6601 Datasheet HTML 25Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
21/33
XC6601
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(9) Supply Input Current vs. Ambient Temperature
XC6601x071
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
C
IN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
BIAS=3.6V, VIN=1.0V
XC6601x121
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
CIN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
V
BIAS=3.6V, VIN=1.5V
XC6601x181
0.0
0.5
1.0
1.5
2.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta(℃)
C
IN=CBIAS=1.0μF(ceramic), CL=4.7μF(ceramic)
VBIAS=3.6V, VIN=2.1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com