Electronic Components Datasheet Search
  English  ▼

X  

XC6601 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6601
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6601 Datasheet HTML 1Page - Torex Semiconductor XC6601 Datasheet HTML 2Page - Torex Semiconductor XC6601 Datasheet HTML 3Page - Torex Semiconductor XC6601 Datasheet HTML 4Page - Torex Semiconductor XC6601 Datasheet HTML 5Page - Torex Semiconductor XC6601 Datasheet HTML 6Page - Torex Semiconductor XC6601 Datasheet HTML 7Page - Torex Semiconductor XC6601 Datasheet HTML 8Page - Torex Semiconductor XC6601 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2/33
XC6601 Series
CE
VOUT
VSS
VBIAS
VIN
SOT-25
(TOP VIEW)
12
3
4
5
●
USP-6C
●
SOT-25
●
SOT-89-5
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTION
1
2
2
VBIAS
Power Supply Input
3
1
4
VIN
Driver Transistor Input
4
5
5
VOUT
Output
2
3
3
VSS
Ground
6
4
1
CE
ON/OFF Control
MARK
DESCRIPTION
SYMBOL
DESCRIPTION
A
Pull-Down Resistor Built-in
①
Type of Regulators
B
No Pull-Down Resistor Built-in
②③
Output Voltage
07 ~ 18
e.g.) VOUT(T)=1.2V⇒②=1,③=2
1
0.1V increments
e.g.) 1.2V⇒②=1,③=2,④=1
④
Output Voltage
Type
B
0.05V increments
e.g.) 1.25V⇒②=1,③=2,④=B
MR
SOT-25
MR-G
SOT-25
(Halogen & Antimony free)
ER
USP-6C
ER-G
USP-6C
(Halogen & Antimony free)
⑤⑥
-⑦
Packages
Taping Type
(*2)
PR
SOT-89-5
■
PIN CONFIGURATION
■
PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●
Ordering Information
XC6601①②③④⑤⑥-⑦
(*1) : CE High Active, Soft-Start Function Built-in, CL Auto Discharge Function
*
The heat dissipation pad of the USP-6C
package is recommended to solder as the
recommended mount pattern and metal
mask pattern for mounting strength. This
pad should be electrically opened or
connected to the VBIAS (No.1) pin.
(*1) The ”-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com