Electronic Components Datasheet Search
  English  ▼

X  

LE25LA642CS Datasheet(PDF) 13 Page - Sanyo Semicon Device

Part # LE25LA642CS
Description  64Kbit Serial SPI EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LA642CS Datasheet(HTML) 13 Page - Sanyo Semicon Device

Back Button LE25LA642CS Datasheet HTML 6Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 7Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 8Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 9Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 10Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 11Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 12Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 13Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 14Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LE25LA642CS
Figure 11 Status Register Write Flowchart
Figure 12 Write Flowchart
Status register write
Write
Start
05h
Set write command
Address 1
Address 2
Write start on rising
edge of CS
Start
06h
Set write enable
command
Set status register
write command
Set write enable
command
06h
No.NA1473-13/14
05h
Program start on
rising edge of CS
End of status
register write
YES
Bit 0= “0” ?
01h
02h
NO
*Automatically placed in write
disabled state at the end of the
status register write.
Data
Set status register
read command
End of write
YES
Bit 0= “0” ?
Data 0
Data 1
Data n
*Automatically placed in write
disabled state at the end of the
write.
Set status register
read command
NO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com