Electronic Components Datasheet Search
  English  ▼

X  

LE25LA642CS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25LA642CS
Description  64Kbit Serial SPI EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25LA642CS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25LA642CS Datasheet HTML 1Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 2Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 3Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 4Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 5Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 6Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 7Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 8Page - Sanyo Semicon Device LE25LA642CS Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LE25LA642CS
Pin Assignment
Pin Descriptions
PIN.1
WP
Write protect
PIN.2
VSS
Ground
PIN.3
VDD
Power supply
PIN.4
CS
Chip select
PIN.5
HOLD
Hold
PIN.6
SO
Serial data output
PIN.7
SI
Serial data input
PIN.8
SCK
Serial clock
No.NA1473-2/14
Block Diagram
ADDRESS
BUFFERS
&
LATCHES
X-
DECODER
EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CONTROL
LOGIC
SERIAL INTERFACE
CS
SCK
SI
SO
WP
HOLD
Specifications
Absolute Maximum Rating/If an electrical stress exceeding the maximum rating is applied, the device may be damaged.
Parameter
Symbol
Conditions
Ratings
Unit
Storage temperature
-65 to +150
°C
Supply voltage
-0.5 to 4.6
V
DC input voltage
-0.5 to VDD+0.5
V
Overshoot voltage (below 20ns)
-1.0 to VDD+1.0
V
Operating Conditions
Parameter
Symbol
Conditions
Ratings
Unit
Operating temperature (at read)
-40 to +85
°C
Operating temperature (at write)
-20 to +85
°C
Operating supply voltage
1.8 to 3.6
V
DC Electrical Characteristics
Parameter
Symbol
Conditions
min
typ
max
Unit
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 3MHz, VDD = 3.6V
3
mA
Supply current when reading
ICCR
CS = 0.1VDD, HOLD = WP = 0.9VDD
SI = 0.1VDD/0.9VDD, SO = Open
Operating frequency = 2MHz, VDD = 2.5V
2
mA
Supply current when writing
ICCW
VDD = VDD Max
3
mA
CMOS standby current
ISB
VIN = VDD or VSS, VDD = VDD Max
2
μA
Input leakage current
ILI
VIN = VSS to VDD, VDD = VDD max.
-2
2
μA
Output leakage current
ILO
VIN = VSS to VDD, VDD = VDD max.
-2
2
μA
1
2.01 x 1.06
Bottom view
2
3
6
8
4
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com