Electronic Components Datasheet Search
  English  ▼

X  

BDC05 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BDC05
Description  One Watt High Voltage Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDC05 Datasheet(HTML) 2 Page - Motorola, Inc

  BDC05 Datasheet HTML 1Page - Motorola, Inc BDC05 Datasheet HTML 2Page - Motorola, Inc BDC05 Datasheet HTML 3Page - Motorola, Inc BDC05 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BDC05
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 25 mAdc, VCE = 20 Vdc)
hFE
40
—
—
Collector–Emitter Saturation Voltage(1)
(IC = 20 mAdc, IB = 2.0 mAdc)
VCE(sat)
—
2.0
Vdc
Base–Emitter Saturation Voltage
(IC = 20 mAdc, IB = 2.0 mAdc)
VBE(sat)
—
2.0
Vdc
DYNAMIC CHARACTERISTICS
Current Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 10 Vdc, f = 20 MHz)
fT
60
—
MHz
Collector–Base Capacitance
(VCB = 30 Vdc, IE = 0, f = 1.0 MHz)
Cre
—
2.8
pF
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
200
20
1.0
IB, BASE CURRENT (mA)
Figure 2. Collector Saturation Region
0.6
0.4
0.3
0
0.1
10
1.0
TJ = 25°C
IC = 10 mA
0.2
0.5
2.0
5.0
20 30
2.0
3.0
5.0 7.0
10
20
50
70 100
100
30
50
70
TJ = 125°C
25
°C
–55
°C
VCE = 10 V
0.5
0.2
0.1
IC = 20 mA
IC = 30 mA
30



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com