Electronic Components Datasheet Search
  English  ▼

X  

BDC05 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BDC05
Description  One Watt High Voltage Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BDC05 Datasheet(HTML) 3 Page - Motorola, Inc

  BDC05 Datasheet HTML 1Page - Motorola, Inc BDC05 Datasheet HTML 2Page - Motorola, Inc BDC05 Datasheet HTML 3Page - Motorola, Inc BDC05 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BDC05
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
VR, REVERSE VOLTAGE (VOLTS)
100
50
20
10
5.0
2.0
1.0
0.5
0.2
100
TJ = 25°C
Ceb
IC, COLLECTOR CURRENT (mA)
100
70
50
30
20
10
TJ = 25°C
VCE = 20 V
f = 20 MHz
200
1.0
2.0
3.0
5.0
7.0
10
20
30
50
70
Ccb
1.0
20
5.0
10
50
70
2.0
100
3.0
7.0
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
10
20
50
CURRENT LIMIT
THERMAL LIMIT
SECOND BREAKDOWN
LIMIT
500
200
100
50
20
10
100
200 300
100
µs
1.0 ms
TA = 25°C
1 k
DUTY CYCLE
≤ 10%
1.0 s
30
IC, COLLECTOR CURRENT (mA)
1.4
0
1.0
20
TJ = 25°C
VBE(on) @ VCE = 10 V
VCE(sat) @ IC/IB = 10
5.0
10
50
70
VBE(sat) @ IC/IB = 10
2.0
100
IC, COLLECTOR CURRENT (mA)
2.5
1.0
R
θVB for VBE
3.0
7.0
1.2
1.0
0.8
0.6
0.4
0.2
20
5.0
10
50
70
2.0
100
3.0
7.0
1.5
2.0
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
IC
IB
+ 10
R
θVC for VCE(sat)
25
°C to 125°C
–55
°C to 25°C
–55
°C to 125°C
30
30
5.0
Figure 3. “On” Voltages
Figure 4. Temperature Coefficients
Figure 5. Capacitance
Figure 6. Current–Gain — Bandwidth Product
Figure 7. Active Region — Safe Operating Area



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com