Electronic Components Datasheet Search
  English  ▼

X  

SLD332F Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD332F
Description  1W High Power Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD332F Datasheet(HTML) 2 Page - Sony Corporation

  SLD332F Datasheet HTML 1Page - Sony Corporation SLD332F Datasheet HTML 2Page - Sony Corporation SLD332F Datasheet HTML 3Page - Sony Corporation SLD332F Datasheet HTML 4Page - Sony Corporation SLD332F Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SLD332F
- 2 -
Absolute Maximum Ratings
(Tc = 25°C)
Warranty
Reliability assurance does not apply to this product. Because of the nature of an open heat sink product, the
product shall be handled with special care to avoid any damage by handling and atmosphere including dusts
and hemidity. Quality shall be assured by proper atmosphere maintained by sealed packaging. Laser diodes
naturally has differing lifetimes which follow a Weibull distribution.
Optical power output
Pomax
1.1
W
Reverse voltage
VR
LD
2
V
Operating temperature
Tc
–10 to +30
°C
Storage temperature
Tstg
–40 to +85
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com