Electronic Components Datasheet Search
  English  ▼

X  

SLD332F Datasheet(PDF) 1 Page - Sony Corporation

Part # SLD332F
Description  1W High Power Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD332F Datasheet(HTML) 1 Page - Sony Corporation

  SLD332F Datasheet HTML 1Page - Sony Corporation SLD332F Datasheet HTML 2Page - Sony Corporation SLD332F Datasheet HTML 3Page - Sony Corporation SLD332F Datasheet HTML 4Page - Sony Corporation SLD332F Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- 1 -
E07606-CR
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license
by any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating
the operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
SLD332F
1W High Power Laser Diode
Description
The SLD332F is a 1W high power laser diode designed to have a uniform emission area that is suitable for the
applications for solid-state laser excitation, measurement, printing, etc.
Features
High-power
Recommended optical power output Po = 1W
High-optical power density: 1W/100
μm (Emitting line width)
Package
M-S035
Structure
AlGaAs quantum well structure laser diode
Operating Lifetime
MTTF 10,000h (effective value) at Po = 1W, Tc = 25°C


Similar Part No. - SLD332F

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
1W High Power Laser Diode
SLD334YT SONY-SLD334YT Datasheet
61Kb / 4P
2W High Power Laser Diode
SLD335F SONY-SLD335F Datasheet
149Kb / 5P
5W High Power Laser Diode
SLD335YT SONY-SLD335YT Datasheet
60Kb / 4P
4W High Power Laser Diode
More results

Similar Description - SLD332F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-6140-201 SANYO-DL-6140-201 Datasheet
74Kb / 3P
High Power Laser Diode
DL-7140-201 SANYO-DL-7140-201 Datasheet
73Kb / 3P
High Power Laser Diode
logo
Sony Corporation
SLD1324ZT SONY-SLD1324ZT Datasheet
175Kb / 7P
High-Power Density 1W Laser Diode
SLD323V SONY-SLD323V Datasheet
68Kb / 7P
High Power Density 1W Laser Diode
SLD323XT SONY-SLD323XT Datasheet
96Kb / 7P
1W High Power Laser Diode
logo
Opnext. Inc.
HL6501MG OPNEXT-HL6501MG Datasheet
93Kb / 4P
Visible High Power Laser Diode
logo
Sony Corporation
SLD333V SONY-SLD333V Datasheet
47Kb / 4P
1W High Power Laser Diode
logo
Roithner LaserTechnik G...
RLCO-830-1000G ROITHNER-RLCO-830-1000G Datasheet
239Kb / 3P
High Power Infrared Laser Diode
RLCO-940-1000-TO3 ROITHNER-RLCO-940-1000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-1064-2000-TO3 ROITHNER-RLCO-1064-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com