Electronic Components Datasheet Search
  English  ▼

X  

SLD332F Datasheet(PDF) 5 Page - Sony Corporation

Part # SLD332F
Description  1W High Power Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD332F Datasheet(HTML) 5 Page - Sony Corporation

  SLD332F Datasheet HTML 1Page - Sony Corporation SLD332F Datasheet HTML 2Page - Sony Corporation SLD332F Datasheet HTML 3Page - Sony Corporation SLD332F Datasheet HTML 4Page - Sony Corporation SLD332F Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SLD332F
- 5 -
Sony Corporation
Package Outline
(Unit: mm)
6.35
± 0.1
1.8
0.7
10.0
φ4.4 ±
0.1 dep
th 1.4
± 0.1
φ2.3
± 0.1
hole
2.18
± 0.1
LD Chip
Anode
Cathode
Lead Strength 0.5kgf
M-S035
SONY CODE
EIAJ CODE
JEDEC CODE
M-S035
PACKAGE MASS
1g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com