Electronic Components Datasheet Search
  English  ▼

X  

SLD433S4 Datasheet(PDF) 3 Page - Sony Corporation

Part # SLD433S4
Description  60W Array Laser Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD433S4 Datasheet(HTML) 3 Page - Sony Corporation

  SLD433S4 Datasheet HTML 1Page - Sony Corporation SLD433S4 Datasheet HTML 2Page - Sony Corporation SLD433S4 Datasheet HTML 3Page - Sony Corporation SLD433S4 Datasheet HTML 4Page - Sony Corporation SLD433S4 Datasheet HTML 5Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SLD433S4
- 3 -
Electrical and Optical Characteristics
(TW = 25°C, TW: Cooling water temperature))
Cooling water flow rate:
≥0.4L/min
Cooling water type:
Deionized water: conductivity < 3
μS/cm
Particle filter: < 30
μm
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Threshold current
Ith
—
17
22
A
Operating current
Iop
Po = 60W
—
75
85
A
Operating voltage
Vop
Po = 60W
—
—
2.5
V
Wavelength
λp
Po = 60W
805
—
811
nm
Wavelength spectrum width
λw
Po = 60W (FWHM)
—
—
3
nm
Radiation
angle
Perpendicular
θ⊥
Po = 60W (FWHM)
18
24
28
degree
Parallel
θ//
—
8
12
degree
Positional
accuracy
Position
ΔX—
—
±300
μm
ΔY—
—
±100
μm
ΔZ—
—
±100
μm
Angle
Δφ⊥
—
—
5
degree
Δθ//
—
—
1
degree
Differential efficiency
ηD
Po = 60W
—
1.0
1.5
W/A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com